Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 6 Page - ams AG

Part # AS3412
Description  The AS3412 is a speaker driver with Ambient Noise Cancelling
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3412 Datasheet(HTML) 6 Page - ams AG

Back Button AS3412 Datasheet HTML 2Page - ams AG AS3412 Datasheet HTML 3Page - ams AG AS3412 Datasheet HTML 4Page - ams AG AS3412 Datasheet HTML 5Page - ams AG AS3412 Datasheet HTML 6Page - ams AG AS3412 Datasheet HTML 7Page - ams AG AS3412 Datasheet HTML 8Page - ams AG AS3412 Datasheet HTML 9Page - ams AG AS3412 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 84 page
background image
Page 6
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-06
AS3412 − Absolute Maximum R atings
Note(s):
1. Latch-up test was performed with VBAT supplied and both AGND and GND grounded.
2. VNEG, CPP, CPN, MICACL and MICACR are not Latch-up stressed because these are passive pins.
TJ
Operating Junction
Temperature
85
°C
TSTRG
Storage Temperature
Range
-55
125
°C
TBODY
Package Body
Temperature
260
°C
IPC/JEDEC J-STD-020
The reflow peak soldering
temperature (body temperature)
is specified according to
IPC/JEDEC J-STD-020
“Moisture/Reflow Sensitivity
Classification for Non-hermetic
Solid State Surface Mount
Devices.”
RHNC
Relative Humidity
(non-condensing)
585
%
MSL
Moisture Sensitivity
Level
1
Unlimited floor lifetime
Symbol
Parameter
Min
Max
Units
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com