Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 11 Page - ams AG

Part # AS3412
Description  The AS3412 is a speaker driver with Ambient Noise Cancelling
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3412 Datasheet(HTML) 11 Page - ams AG

Back Button AS3412 Datasheet HTML 7Page - ams AG AS3412 Datasheet HTML 8Page - ams AG AS3412 Datasheet HTML 9Page - ams AG AS3412 Datasheet HTML 10Page - ams AG AS3412 Datasheet HTML 11Page - ams AG AS3412 Datasheet HTML 12Page - ams AG AS3412 Datasheet HTML 13Page - ams AG AS3412 Datasheet HTML 14Page - ams AG AS3412 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 84 page
background image
ams Datasheet
Page 11
[v1-00] 2016-Apr-06
Document Feedback
AS3412 − Detailed Description
To avoid unwanted start-up pop noise, a soft-start function is
implemented for an automatic gain ramping of the device. In
case of an overload condition on the microphone input (e.g.
high sound pressure level), an internal state machine reduces
the microphone gain automatically. For some designs it might
be useful to switch off this feature. Especially in feed-back
systems very often infrasound can cause an overload condition
of the microphone preamplifier which results in low frequency
noise. This behavior can be avoided by disabling the AGC
function.
Input Capacitor Selection
The microphone preamplifier needs one bias resistor (RBias) per
channel as well as DC blocking capacitors (CMIC). The capacitors
CAC are DC blocking capacitors to avoid DC amplification of the
non-inverting microphone preamplifier. This capacitor has an
influence on the frequency response because the internal
feedback resistors create a high pass filter together with the
capacitor CAC. The typical application circuit is shown in
Figure 11 with all necessary components.
Figure 11:
Microphone Capacitor Selection Circuit
Microphone Capacitor Selection Circuit: This diagram shows a typical microphone application circuit with all
necessary components to operate the amplifier.
MUTE
MUTE_MIC_LEFT
MUTE
MUTE_MIC_RIGHT
AGC
AGC
MICL
MICR
MICACL
MICACR
QMICL
QMICR
CMIC
CMIC
RBIAS
RBIAS
RMICIN
RMICIN
CAC
CAC
MICS
MICS
ANC Microphone
ANC Microphone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com