Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 51 Page - ams AG

Part # AS3412
Description  The AS3412 is a speaker driver with Ambient Noise Cancelling
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3412 Datasheet(HTML) 51 Page - ams AG

Back Button AS3412 Datasheet HTML 47Page - ams AG AS3412 Datasheet HTML 48Page - ams AG AS3412 Datasheet HTML 49Page - ams AG AS3412 Datasheet HTML 50Page - ams AG AS3412 Datasheet HTML 51Page - ams AG AS3412 Datasheet HTML 52Page - ams AG AS3412 Datasheet HTML 53Page - ams AG AS3412 Datasheet HTML 54Page - ams AG AS3412 Datasheet HTML 55Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 84 page
background image
ams Datasheet
Page 51
[v1-00] 2016-Apr-06
Document Feedback
AS3412 − Detailed Description
VBAT =1.8V, TA=25ºC, unless otherwise specified.
Figure 68:
I²C Serial Interface Parameter
I²C Serial Interface Parameter: This table shows the serial interface timing parameter.
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VCSL
CSCL, CSDA Low Input
Level
(max 30% VBAT)
0
-
0.42
V
VCSH
CSCL, CSDA High Input
Level
CSCL, CSDA (min 70% VBAT)
1.16
-
V
HYST
CSCL, CSDA Input
Hysteresis
200
450
800
mV
VOL
CSDA Low Output Level
at 3mA
-
-
0.4
V
Tsp
Spike insensitivity
50
100
-
ns
TH
Clock high time
max. 400kHz clock speed
500
ns
TL
Clock low time
max. 400kHz clock speed
500
ns
TSU
CSDA has to change TSU before
rising edge of CSCL
250
-
-
ns
THD
No hold time needed for CSDA
relative to rising edge of CSCL
0-
-
ns
TS
CSDA H hold time relative to
CSDA edge for start/stop/rep_
start
200
-
-
ns
TPD
CSDA prop delay relative to low
going edge of CSCL
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com