Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712-CB Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 2Page - Cirrus Logic CS89712-CB Datasheet HTML 3Page - Cirrus Logic CS89712-CB Datasheet HTML 4Page - Cirrus Logic CS89712-CB Datasheet HTML 5Page - Cirrus Logic CS89712-CB Datasheet HTML 6Page - Cirrus Logic CS89712-CB Datasheet HTML 7Page - Cirrus Logic CS89712-CB Datasheet HTML 8Page - Cirrus Logic CS89712-CB Datasheet HTML 9Page - Cirrus Logic CS89712-CB Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 170 page
background image
CS89712
6
DS502PP2
•
LCD controller interfaces directly to a single-
scan panel monochrome LCD. Panel width size
is programmable from 32 to 1024 pixels in 16-
pixel increments. Video frame buffer size pro-
grammable up to 128 kbytes with 1, 2, or 4 bits
per pixel supports 15-level grayscale operation.
•
Programmable frame buffer address allows a
system with only internal SRAM for memory.
•
On-chip boot ROM programmed with serial
load boot sequence.
•
Two 16-bit general purpose timer counters.
•
32-bit Real-Time Clock and comparator.
•
Dedicated LED flasher pin driven from the
RTC with programmable duty ratio (multi-
plexed with a GPIO pin).
•
Two 16550 type UARTs:
-
support bit rates up to 115.2 kbps
-
contain two 16-byte FIFOs for TX and RX
-
UART1 supports modem control signals
•
Two synchronous serial interfaces for Micro-
wire (128 kbps) or SPI peripherals such as
ADCs, one supporting both master/slave mode
and the other supporting master mode only.
•
PWM interface provides two 96 kHz clocks
with programmable 1/16 to 15/16 duty cycle
for driving a DC to DC converter.
•
An interface to one or two Cirrus Logic CL-
PS6700 PC Card controller devices to support
two PC Card slots.
•
Oscillator and phase-locked loop (PLL) to gen-
erate the core clock speeds of 18.432 MHz,
36.864 MHz, 49.152 MHz, and 73.728 MHz
from an external 3.6864 MHz crystal.
•
A low-power 32.768 kHz oscillator.
•
Suite of software drivers for immediate use
with most industry standard network operating
systems. In addition, complete evaluation kits
and manufacturing packages significantly re-
duce production cost and time.
•
Commercial 0 - 70C operating temperature.
The CS89712 design is optimized for low power
dissipation and is fabricated on a fully static
0.25 micron CMOS process. It is available in a
256-ball PBGA package.
A maximum configured system using the CS89712
is shown in Figure 1. This system assumes all of the
DRAMs and ROMs are 16-bit wide devices. The
keyboard may be connected to more GPIO bits than
shown to allow greater than 64 keys, however these
extra pins will not be wired into the WAKEUP pin
functionality. Note that only one of the CODEC,
SSI2, or DAI interfaces may be used at a time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com