Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712-CB Datasheet(PDF) 74 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 74 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 70Page - Cirrus Logic CS89712-CB Datasheet HTML 71Page - Cirrus Logic CS89712-CB Datasheet HTML 72Page - Cirrus Logic CS89712-CB Datasheet HTML 73Page - Cirrus Logic CS89712-CB Datasheet HTML 74Page - Cirrus Logic CS89712-CB Datasheet HTML 75Page - Cirrus Logic CS89712-CB Datasheet HTML 76Page - Cirrus Logic CS89712-CB Datasheet HTML 77Page - Cirrus Logic CS89712-CB Datasheet HTML 78Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 170 page
background image
CS89712
74
DS502PP2
3.2.5
Status and Event Registers
Status and Event registers report the status of trans-
mitted and received frames, as well as information
about the configuration of the CS89712. They are
read-only.
The Interrupt Status Queue (ISQ) is a special type
of Status/Event register. It is located at Ethernet
Port offset address 0120h and is the first register
the software reads when responding to an Interrupt.
A more detailed description of the ISQ can be
found in Section 2.31, “Managing Interrupts &
Status Queue”.
Three 10-bit counters are included with the Status
and Event registers. RxMISS counts missed re-
ceive frames, TxCOL counts transmit collisions.
Table 34 summarizes Ethernet Port Register types.
3.2.6
Status and Control Bit Definitions
This section provides a description of the special
bit types used in the Status and Control registers.
1
0
32
54
76
10 Register Bits
1 = Control/Configuration
0 = Status/Event
Internal Address
(bits 0 - 5)
16-bit Register Word
Bit Number
98
BA
DC
F E
Figure 23. Status and Control Register Format
Suffix
Type
Description
Comments
CMD
Read/Write
Command: Written once per frame to initiate transmit.
CFG
Read/Write
Configuration: Written at setup and used to determine
what frames will be transmitted and received and what
events will cause interrupts.
CTL
Read/Write
Control: Written at setup and used to determine what
frames will be transmitted and received and how the physi-
cal interface will be configured.
Event
Read-only
Event: Reports the status of transmitted and received
frames.
cleared when read
ST
Read-only
Status: Reports information about the configuration of the
CS89712.
Read-only
Counters: Counts missed receive frames and collisions.
Provides time domain for locating coax cable faults.
cleared when read
Table 34. Ethernet Port Register Types



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com