Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712-CB Datasheet(PDF) 79 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 79 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 75Page - Cirrus Logic CS89712-CB Datasheet HTML 76Page - Cirrus Logic CS89712-CB Datasheet HTML 77Page - Cirrus Logic CS89712-CB Datasheet HTML 78Page - Cirrus Logic CS89712-CB Datasheet HTML 79Page - Cirrus Logic CS89712-CB Datasheet HTML 80Page - Cirrus Logic CS89712-CB Datasheet HTML 81Page - Cirrus Logic CS89712-CB Datasheet HTML 82Page - Cirrus Logic CS89712-CB Datasheet HTML 83Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 170 page
background image
CS89712
DS502PP2
79
3.4.3
PDDR Port D Data Register (address 0x8000.0003)
Values written to this 8-bit read / write register will be output on Port D pins if the corresponding data direc-
tion bits are set low (port output). Values read from this register reflect the external state of Port D, not nec-
essarily the value written to it. All bits are cleared by a system reset.
3.4.4
PADDR Port A Data Direction Register (address 0x8000.0040)
Bits set in this 8-bit read / write register will select the corresponding pin in Port A to become an output, clear-
ing a bit sets the pin to input. All bits are cleared by a system reset.
3.4.5
PBDDR Port B Data Direction Register (address 0x8000.0041)
Bits set in this 8-bit read / write register will select the corresponding pin in Port B to become an output, clear-
ing a bit sets the pin to input. All bits are cleared by a system reset.
3.4.6
PDDDR Port D Data Direction Register (address 0x8000.0043)
Bits cleared in this 8-bit read / write register will select the corresponding pin in Port D to become an output,
setting a bit sets the pin to input. All bits are cleared by a system reset so that Port D is output by default.
3.4.7
PEDR Port E Data Register (address 0x8000.0080)
Values written to this 3-bit read / write register will be output on Port E pins if the corresponding data direc-
tion bits are set high (port output). Values read from this register reflect the external state of Port E, not nec-
essarily the value written to it. All bits are cleared by a system reset.
3.4.8
PEDDR Port E Data Direction Register (address 0x8000.00C0)
Bits set in this 3-bit read / write register will select the corresponding pin in Port E to become an output, while
the clearing bit sets the pin to input. All bits are cleared by a system reset so that Port E is input by default.
3.5 System Control Registers
3.5.1
SYSCON1 The System Control Register 1 (address 0x8000.0100)
The system control register is a 21-bit read / write register which controls all the general configuration of the
CS89712, as well as modes etc. for peripheral devices. All bits in this register are cleared by a system reset. The
bits in the system control register SYSCON1 are defined in Table 37.
23:21
20
19
18
17:16
15
Reserved
IRTXM
WAKEDIS
EXCKEN
ADCKSEL
SIREN
14
13
12
11
10
9
CDENRX
CDENTX
LCDEN
DBGEN
BZMOD
BZTOG
87
6
5
4
3:0
UART1EN
TC2S
TC2M
TC1S
TC1M
Keyboard scan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com