Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712-CB Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 37Page - Cirrus Logic CS89712-CB Datasheet HTML 38Page - Cirrus Logic CS89712-CB Datasheet HTML 39Page - Cirrus Logic CS89712-CB Datasheet HTML 40Page - Cirrus Logic CS89712-CB Datasheet HTML 41Page - Cirrus Logic CS89712-CB Datasheet HTML 42Page - Cirrus Logic CS89712-CB Datasheet HTML 43Page - Cirrus Logic CS89712-CB Datasheet HTML 44Page - Cirrus Logic CS89712-CB Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 170 page
background image
CS89712
DS502PP2
41
pixels is mapped to a set of consecutive bytes or
words in the video RAM. The video frame buffer
can be accessed word wide as pixel 0 is mapped to
the LSB in the buffer such that the pixels are ar-
ranged in a little endian manner.
The pixel bit rate, and hence the LCD refresh rate,
can be programmed from 18.432 MHz to 576 kHz.
The LCD controller is programmed by writing to
the LCD control register (LCDCON). The LCD-
CON register should not be reprogrammed while
the LCD controller is enabled.
The LCD controller also contains two 32-bit palette
registers, which allow any 4-, 2-, or 1-bit pixel val-
ue to be mapped to any of the 15 grayscale values
available. The palette registers are bypassed in
Snooze State.
The required DMA bandwidth to support a ½ VGA
panel displaying 4 bits-per-pixel data at an 80 Hz
refresh rate is approximately 6.2 Mbytes/sec. As-
suming the frame buffer is stored in a 32-bit wide
the maximum theoretical bandwidth available is
86 Mbytes/sec at 36.864 MHz.
The LCD controller uses a nine stage 32-bit wide
FIFO to buffer display data. The LCD controller re-
quests new data when there are five words remain-
ing in the FIFO. This means that for a ½ VGA
display at 4 bits-per-pixel and 80 Hz refresh rate,
the maximum allowable DMA latency is approxi-
mately 3.25
µsec ((5 words x 8 bits/byte) / (640 x
240 x 4 bpp x 80 Hz)) = 3.25
µsec). The worst-case
latency is the total number of cycles from when the
DMA request appears to when the first DMA data
word actually becomes available at the FIFO.
DMA has the highest priority, so it will always hap-
pen next in the system. The maximum number of
cycles required is 36 from the point at which the
DMA request occurs to the point at which the STM
is complete, then another 6 cycles before the data
actually arrives at the FIFO from the first DMA
read. This creates a total of 42 cycles assuming the
frame buffer is located in 32-bit wide memory.
With 16-bit wide memory, the worst-case latency
will double. In this case, the maximum permissible
display size may be halved, to approximately 320 x
240 pixels, depending on required pixel depth and
refresh rate. If 18 MHz mode is selected with 32-bit
wide memory, then the worst-case latency will be
2.26
µsec (i.e., 42 cycles x 54 nsec/cycle). If
36 MHz mode is selected, and 32-bit wide, then the
worst-case latency drops down to 1.49
µs. If the
frame buffer is to be stored in static memory, then
further calculations must be performed. This calcu-
lation is a little more complex for 36 MHz mode of
operation. The total number of cycles = (12 x 4) +
7 = 55. Thus, 55 x 27 ns = ~1.49
µsec.
Figure 11 shows the organization of the video map
for all combinations of bits-per-pixel.
The refresh rate is not affected by the number of
bits-per-pixel; however the LCD controller fetches
twice the data per refresh for 4 bits-per-pixel com-
pared to 2 bits-per-pixel. The main reason for re-
ducing the number of bits-per-pixel is to reduce the
power consumption of the memory where the video
frame buffer is mapped.
2.19 Timer Counters
Two identical timer counters are integrated into the
CS89712. These are referred to as TC1 and TC2.
Each timer counter has an associated 16-bit read /
write data register and some control bits in the sys-
tem control register. Each counter is loaded with
the value written to the data register immediately.
This value will then be decremented on the second
active clock edge to arrive after the write (i.e., after
the first complete period of the clock). When the
timer counter under flows (i.e., reaches 0), it will
assert its appropriate interrupt. The timer counters
can be read at any time. The clock source and mode
are selectable by writing to bits in the system con-
trol register. 512 kHz and 2 kHz rates are provided.
The timer counters can operate in two modes: free
running or pre-scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com