Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712-CB Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 41Page - Cirrus Logic CS89712-CB Datasheet HTML 42Page - Cirrus Logic CS89712-CB Datasheet HTML 43Page - Cirrus Logic CS89712-CB Datasheet HTML 44Page - Cirrus Logic CS89712-CB Datasheet HTML 45Page - Cirrus Logic CS89712-CB Datasheet HTML 46Page - Cirrus Logic CS89712-CB Datasheet HTML 47Page - Cirrus Logic CS89712-CB Datasheet HTML 48Page - Cirrus Logic CS89712-CB Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 170 page
background image
CS89712
DS502PP2
45
Section 2.32, “Basic Receive Operation” and Sec-
tion 2.32.7, “Receive Ethernet Port Locations”
provide a detailed description of packet reception.
2.24 Programming the EEPROM
After initialization, software can access the EE-
PROM through the Ethernet port by writing one of
seven commands to the EEPROM Command regis-
ter. Figure 12 shows the format of the EEPROM
Command register.
2.24.1
EEPROM Commands
The seven commands used to access the EEPROM
are: Read, Write, Erase, Erase/Write Enable,
Erase/Write Disable, Erase-All, and Write-All.
They are described in Table 26.
2.24.2
EEPROM Command Execution
During the execution of a command, the two Op-
code bits, followed by the six bits of address (for a
’C46 or ’CS46) or eight bits of address (for a ’C56,
’CS56, ’C66 or ’CS66), are shifted out of the Ether-
net port, into the EEPROM. If the command is a
Write, the data in the EEPROM Data register
(Ethernet Port offset address 0042h) follows. If the
command is a Read, the data in the specified EE-
PROM location is written into the EEPROM Data
register. If the command is an Erase or Erase-All,
no data is transferred to or from the EEPROM Data
register. Before issuing any command, the SI-
BUSY bit (Register 16, SelfST, bit 8) must clear.
After each command has been issued, software
must wait again for SIBUSY to clear.
2.24.3
Enabling Access to the EEPROM
The Erase/Write Enable command provides protec-
tion from accidental writes to the EEPROM. The
software must write an Erase/Write Enable com-
mand before it attempts to write to or erase any EE-
PROM memory location. Once the software has
finished altering the contents of the EEPROM, it
must write an Erase/Write Disable command to
prevent unwanted modification of the EEPROM.
F
X
E
X
D
X
C
X
B
X
ELSEL OP1 OP0
A9
8
AD5 AD4
54
76
AD7 AD6
10
32
AD1 AD0
AD3 AD2
AD5 - AD0 used with
’C46 and ’CS46
AD7 - AD0 used with ’C56,
’CS56, ’C66 and ’CS66
Figure 12. EEPROM Command Register Format
Bit
Name
Description
[F:B]
Reserved
[A]
ELSEL
External Logic Select: When clear, the EECS pin is used to select the EEPROM.
When set, the ELCS pin is used to select the external LA decode circuit.
[9:8]
OP1, OP0
Opcode: Indicates what command is being executed (see next section).
[7:0]
AD7 to AD0
EEPROM Address: Address of EEPROM word being accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com