Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712-CB Datasheet(PDF) 87 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 87 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 83Page - Cirrus Logic CS89712-CB Datasheet HTML 84Page - Cirrus Logic CS89712-CB Datasheet HTML 85Page - Cirrus Logic CS89712-CB Datasheet HTML 86Page - Cirrus Logic CS89712-CB Datasheet HTML 87Page - Cirrus Logic CS89712-CB Datasheet HTML 88Page - Cirrus Logic CS89712-CB Datasheet HTML 89Page - Cirrus Logic CS89712-CB Datasheet HTML 90Page - Cirrus Logic CS89712-CB Datasheet HTML 91Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 170 page
background image
CS89712
DS502PP2
87
16:21
RTCDIV: This 6-bit field reflects the number of 64 Hz ticks that have passed since the last incre-
ment of the RTC. It is the output of the divide by 64 chain that divides the 64 Hz tick clock down
to 1 Hz for the RTC. The MSB is the 32 Hz output, the LSB is the 1 Hz output.
22
URXFE1: UART1 receiver FIFO empty. The meaning of this bit depends on the state of the UFI-
FOEN bit in the UART1 bit rate and line control register. If the FIFO is disabled, this bit will be set
when the RX holding register is empty. If the FIFO is enabled, the URXFE bit will be set when the
RX FIFO is empty.
23
UTXFF1: UART1 transmit FIFO full. The meaning of this bit depends on the state of the UFI-
FOEN bit in the UART1 bit rate and line control register. If the FIFO is disabled, this bit will be set
when the TX holding register is full. If the FIFO is enabled, the UTXFF bit will be set when the TX
FIFO is full.
24
CRXFE: Codec RX FIFO empty bit. This will be set if the 16-byte codec RX FIFO is empty.
25
CTXFF: Codec TX FIFO full bit. This will be set if the 16-byte codec TX FIFO is full.
26
SSIBUSY: Synchronous serial interface busy bit. This bit will be set while data is being shifted in
or out of the synchronous serial interface, when clear data is valid to read.
27:28
BOOTBIT0–1: These bits indicate the default (power-on reset) bus width of the ROM interface.
See
Memory Configuration Registers for more details on the ROM interface bus width. The state
of these bits reflect the state of Port E[0:1] during power on reset, as shown in the table below.
29
ID: Will always read ‘1’ for the CS89712 device.
30:31
VERID: Version ID bits. These 2 bits determine the version id for the CS89712. Will read ‘10’ for
the initial version.
Bit
Description
Table 40. SYSFLG (Continued)
PE[1]
(BOOTBIT1)
PE[0]
(BOOTBIT0)
Boot option
0
0
32-bit
0
1
8-bit
1
0
16-bit
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com