Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712-CB Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 28Page - Cirrus Logic CS89712-CB Datasheet HTML 29Page - Cirrus Logic CS89712-CB Datasheet HTML 30Page - Cirrus Logic CS89712-CB Datasheet HTML 31Page - Cirrus Logic CS89712-CB Datasheet HTML 32Page - Cirrus Logic CS89712-CB Datasheet HTML 33Page - Cirrus Logic CS89712-CB Datasheet HTML 34Page - Cirrus Logic CS89712-CB Datasheet HTML 35Page - Cirrus Logic CS89712-CB Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 170 page
background image
CS89712
32
DS502PP2
2.17.1
Codec Sound Interface
The codec interface allows direct connection of a
telephony type codec to the CS89712. It provides
all the necessary clocks and timing pulses. It also
performs a parallel to serial conversion or vice ver-
sa on the data stream to or from the external codec
device. The interface is full duplex and contains
two separate data FIFOs (16 deep by 8-bits, one for
the receive data, another for the transmit data).
Data is transferred to or from the codec at
64 kbits/s. The data is either written to or read from
the appropriate 16-byte FIFO. If enabled, a codec
interrupt (CSINT) will be generated after every
8 bytes are transferred (FIFO half full/empty). This
means the interrupt rate will be every 1 msec, with
a latency of 1 msec.
Transmit and receive modes are enabled by assert-
ing high both the CDENRX and CDENTX codec
enable bits in the SYSCON1 register.
Note:
Both the CDENRX and CDENTX enable bits
should be asserted in tandem for data to be
transmitted or received. The reason for this is
that the interrupt generation will occur 1 msec
after one of the FIFOs is enabled. For example:
If the receive FIFO gets enabled first and the
transmit FIFO at a later time, the interrupt will
occur 1 msec after the receive FIFO is enabled.
After the first interrupt occurs, the receive FIFO
will be half full. However, it will not be possible
to know how full the transmit FIFO will be since
it was enabled at a later time. Thus, it is
possible to unintentionally overwrite data
already in the transmit FIFO (See Figure 5).
2.17.1.1
Codec Interrupt Timing
After the CDENRX and CDENTX enable bits are
asserted, the corresponding FIFOs become en-
abled. When both FIFOs are disabled, the FIFO sta-
tus flag CRXFE is set and CTXFF is cleared so that
the FIFOs appear empty. Additionally, if the
CDENTX bit is low, the PCMOUT output is dis-
abled. Asserting either of the enable bits causes the
sync and interrupt generation logic to activate; oth-
erwise they are disabled to conserve power.
Data is loaded into the transmit FIFO by writing to
the CODR register. At the beginning of a transmit
cycle, this data is loaded into a shift/load register.
CDENRX
CDENTX
CSINT
1 ms
1 ms
1 ms
Figure 5. Codec Interrupt Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com