Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712-CB Datasheet(PDF) 73 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 73 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 69Page - Cirrus Logic CS89712-CB Datasheet HTML 70Page - Cirrus Logic CS89712-CB Datasheet HTML 71Page - Cirrus Logic CS89712-CB Datasheet HTML 72Page - Cirrus Logic CS89712-CB Datasheet HTML 73Page - Cirrus Logic CS89712-CB Datasheet HTML 74Page - Cirrus Logic CS89712-CB Datasheet HTML 75Page - Cirrus Logic CS89712-CB Datasheet HTML 76Page - Cirrus Logic CS89712-CB Datasheet HTML 77Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 170 page
background image
CS89712
DS502PP2
73
3.2.2
Ethernet Port Indexed Registers
Central to the Ethernet port architecture is a
4 Kbyte page of integrated RAM, which is used for
temporary storage of transmit and receive frames,
and for additional registers. These registers are ac-
cessed by use with the Ethernet Data Pointer and
Data Ports. These registers are organized into the
following sections:
3.2.2.1
Bus Interface Registers
The Bus Interface Registers contain Ethernet Port
interrupt enables, EEPROM control and data, and
receive frame information.
3.2.2.2
Status and Control Registers
The Status and Control registers are the primary
means of controlling and reading status of the
Ethernet port. They are detailed in Section 3.2.3,
“Ethernet Status/Control Registers”.
3.2.2.3
Initiate Transmit Registers
The TxCMD/TxLength registers are used to initiate
Ethernet frame transmission. These are detailed in
Section 3.19, “Initiate Transmit Registers”. (Also
see Section 2.34, “Transmit Operation” for a de-
scription of frame transmission.)
3.2.2.4
Address Filter Registers
The Filter registers store the Individual Address fil-
ter and Logical Address filter used by the Destina-
tion Address filter. These registers are described in
more detail in Section 3.20, “Address Filter Regis-
ters”. For a description of the DA filter, see Section
2.32.7, “Receive Ethernet Port Locations”.
3.2.2.5
Receive/Transmit Frame Locations
The Receive and Transmit Frame Ethernet Port lo-
cations are used to transfer Ethernet frames to and
from the host RAM. The software simply writes to
and reads from these locations and internal buffer
memory is dynamically allocated between transmit
and receive as needed. This provides more efficient
use of buffer memory and better overall network
performance. As a result of this dynamic alloca-
tion, only one receive frame and one transmit frame
are directly accessible.
3.2.3
Ethernet Status/Control Registers
The Status and Control registers are the primary
registers used to control and check the status of the
Ethernet port in the CS89712. They are organized
into two groups: Configuration/Control Registers
and Status/Event Registers. All Status and Control
Registers are 16-bit words as shown in Figure 23.
Bit 0 indicates whether it is a Configuration/Con-
trol Register (Bit 0 = 1) or a Status/Event Register
(Bit 0 = 0). Bits 0 through 5 provide an internal ad-
dress code that describes the exact function of the
register. Bits 6 through F are the actual Configura-
tion/Control and Status/Event bits.
3.2.4
Configuration and Control Registers
Configuration and Control registers are used to set-
up the following:
•
how frames will be transmitted and received;
•
which frames will be transmitted and received;
•
which events will cause interrupts to the pro-
cessor; and,
•
Configuration of the Ethernet physical interface.
These registers are read/write and are designated
by odd numbers (e.g. Register 1, Register 3, etc.).
The Transmit Command Register (TxCMD) is a
special type of register. It appears in two separate
locations in the Ethernet Port memory map. The
first location, Ethernet Port offset address 0108h, is
within the block of Configuration/Control Regis-
ters and is read-only. The second location, Ethernet
Port offset address 0144h, is where the actual trans-
mit commands are issued and is write-only. See
Section 3.2.7, “Status/Control Register Summary”
and Section 2.34, “Transmit Operation” for a more
detailed description of the TxCMD register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com