Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712-CB Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 18Page - Cirrus Logic CS89712-CB Datasheet HTML 19Page - Cirrus Logic CS89712-CB Datasheet HTML 20Page - Cirrus Logic CS89712-CB Datasheet HTML 21Page - Cirrus Logic CS89712-CB Datasheet HTML 22Page - Cirrus Logic CS89712-CB Datasheet HTML 23Page - Cirrus Logic CS89712-CB Datasheet HTML 24Page - Cirrus Logic CS89712-CB Datasheet HTML 25Page - Cirrus Logic CS89712-CB Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 170 page
background image
CS89712
22
DS502PP2
0xC000.0000 to 0xDFFF.FFFF is allocated to
SDRAM. The 1.5 GByte, less 8 kbytes for internal
registers, is not accessible in the CS89712. The
MMU should be programmed to generate an abort
exception for access to this area.
Internal peripherals are addressed through a set of
internal registers from address 0x8000.0000 to
0x8000.3FFF.
Table 12 shows how the 4-Gbyte address range of
the ARM720T processor (as configured within this
chip) is mapped. The memory map shown assumes
that two CL-PS6700 PC Card controllers are con-
nected. If this functionality is not required, then the
nCS[4] and nCS[5] memory is available. The exter-
nal boot ROM is not fully decoded (i.e., the boot
code will repeat within the 256 Mbyte space from
0x7000.0000 to 0x8000.0000).
When booted from on chip boot ROM, the SRAM
is fully decoded up to 128 kbytes. Access to any lo-
cation above this range will wrap within the range.
Address Range
Chip Select
0000.0000–0FFF.FFFF
CS[7]
(Internal only)
1000.0000–1FFF.FFFF
CS[6]
(Internal only)
2000.0000–2FFF.FFFF
nCS[5]
3000.0000–3FFF.FFFF
nCS[4]
4000.0000–4FFF.FFFF
nCS[3]
5000.0000–5FFF.FFFF
nCS[2]
6000.0000–6FFF.FFFF
nCS[1]
7000.0000–7FFF.FFFF
nCS[0]
Table 11. Chip Select Address Ranges After Boot From
On-Chip Boot ROM
Address
Contents
Size
0xF000.0000
Reserved
256 Mbytes
0xE000.0000
Reserved
256 Mbytes
0xD000.0000
Reserved
256 Mbytes
0xC000.0000
SDRAM
64 Mbytes
0x8000.4000
Unused
~1 Gbyte
0x8000.2000
Internal registers
8 kbytes
0x8000.0000
Internal registers
8 kbytes
0x7000.0000
Boot ROM (nCS[7])
128 bytes
0x6000.0000
SRAM (nCS[6])
48k bytes
0x5000.0000
PCMCIA-1 (nCS[5])
4 x 64 Mbytes
0x4000.0000
PCMCIA-0 (nCS[4])
4 x 64 Mbytes
0x3000.0000
Expansion (nCS[3])
256 Mbytes
0x2000.0000-0x2000.02FF
Expansion (nCS[2])
256 Mbytes
0x2000.0300-0x2000.030F
Ethernet Port (on nCS[2])
0x2000.0310-0x2FFF.FFFF
Expansion (nCS[2]) cont.
0x1000.0000
ROM Bank 1 (nCS[1])
256 Mbytes
0x0000.0000
ROM Bank 0 (nCS[0])
256 Mbytes
Table 12. CS89712 Memory Map in External Boot Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com