Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712-CB Datasheet(PDF) 62 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 62 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 58Page - Cirrus Logic CS89712-CB Datasheet HTML 59Page - Cirrus Logic CS89712-CB Datasheet HTML 60Page - Cirrus Logic CS89712-CB Datasheet HTML 61Page - Cirrus Logic CS89712-CB Datasheet HTML 62Page - Cirrus Logic CS89712-CB Datasheet HTML 63Page - Cirrus Logic CS89712-CB Datasheet HTML 64Page - Cirrus Logic CS89712-CB Datasheet HTML 65Page - Cirrus Logic CS89712-CB Datasheet HTML 66Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 170 page
background image
CS89712
62
DS502PP2
Address
Type of
Received
Frame
Erred
Frame?
Passes
Hash
Filter?
Contents of RxEvent
Bits F-A
Bit 9
Hashed
Bit 8
RxOK
Bit 6
IAHash
Individual
Address
no
yes
Hash Table Index
1
1
1
no
no
ExtraData
Runt
CRC
Error
Broadcast
Individual
Adr
01
0
yes
don’t care
ExtraData
Runt
CRC
Error
Broadcast
Individual
Adr
00
0
Multicast
Address
no
yes
Hash table index
1
1
0
no
no
ExtraData
Runt
CRC
Error
Broadcast
Individual
Adr
01
0
yes
don’t care
ExtraData
Runt
CRC
Error
Broadcast
Individual
Adr
00
0
Broad-
cast
Address
no
yes
(Note 1)
ExtraData
Runt
CRC
Error
Broadcast
Individual
Adr
11
0
(actual value X00010)
no
yes
(Note 2)
ExtraData
Runt
CRC
Error
Broadcast
Individual
Adr
01
0
no
no
ExtraData
Runt
CRC
Error
Broadcast
Individual
Adr
01
0
yes
don’t care
ExtraData
Runt
CRC
Error
Broadcast
Individual
Adr
00
0
Notes: 1. Broadcast frames are accepted as Multicast frames if and only if all the following conditions are met
simultaneously:
a) the Logical Address Filter is programmed as: (MSB) 0000 8000 0000 0000h (LSB). Note that this
LAF value corresponds to a Multicast Addresses of both all 1s and 03-00-00-00-00-01.
b) the Rx Control Register (register 5) is programmed to accept IndividualA, MulticastA, RxOK-only,
and the following address filters were enabled: IAHashA and BroadcastA.
2. NOT (Note 1).
Table 28. Contents of RxEvent Upon Various Conditions
IAHashA
Promiscuous
A
MulticastA
IndividualA
BroadcastA
Frames Accepted
0
0
0
1
0
Individual Address frames with
DA matching the IA at Ethernet
Port offset address 0158h
1
0
0
0
0
Individual Address frames with
DA that pass the hash filter
(DA[0] must be “0”)
0
0
1
0
0
Multicast frames with DA that
pass the hash filter (DA[0] must
be “1”)
0
0
0
0
1
Broadcast frames
X
1
X
X
X
All frames
Table 29. Destination Address Filtering Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com