Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712-CB Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 39Page - Cirrus Logic CS89712-CB Datasheet HTML 40Page - Cirrus Logic CS89712-CB Datasheet HTML 41Page - Cirrus Logic CS89712-CB Datasheet HTML 42Page - Cirrus Logic CS89712-CB Datasheet HTML 43Page - Cirrus Logic CS89712-CB Datasheet HTML 44Page - Cirrus Logic CS89712-CB Datasheet HTML 45Page - Cirrus Logic CS89712-CB Datasheet HTML 46Page - Cirrus Logic CS89712-CB Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 170 page
background image
CS89712
DS502PP2
43
same way as the timer counters, but is 32 bits wide.
The RTC is always clocked at 1 Hz, generated from
the 32.768 kHz oscillator. It also contains a 32-bit
output match register, this can be programmed to
generate an interrupt when the count in the RTC
matches a specific value written to this register.
The RTC can only be reset by an nPOR cold reset.
Because the RTC data register is updated from the
1 Hz clock derived from the 32 kHz source, which
is asynchronous to the main memory system clock,
the data register should always be read twice to en-
sure a valid and stable reading. This also applies
when reading back the RTCDIV field of the
SYSCON1 register, which reflects the status of the
six LSBs of the RTC counter.
2.20.1
RTC Interface Characteristics
When connecting a crystal to the RTC interface
pins (i.e., RTCIN and RTCOUT), the crystal and
circuit should conform to the following:
•
The 32.768 kHz frequency should be created
by the crystals fundamental tone (i.e., it should
be a fundamental mode crystal)
•
A start-up resistor is not necessary, since one is
provided internally.
•
Start-up loading capacitors may be placed on
each side of the external crystal and ground.
Their value should be in the range of 10 pF.
However, their values should be selected based
upon the crystal specifications. The total sum of
the capacitance of the traces between the
CS89712’s clock pins, the capacitors, and the
crystal leads should be subtracted from the
crystal’s specifications when determining the
values for the loading capacitors.
•
The crystal should have a maximum 5 ppm fre-
quency drift over the chip’s operating tempera-
ture range.
•
The voltage for the crystal must be 2.5 V + 0.2 V.
Alternatively, a digital clock source can be used to
drive the RTCIN pin of the CS89712. With this ap-
proach, the voltage levels of the clock source
should match that of the VDD supply for the
CS89712’s pads (i.e., the supply voltage level used
to drive all of the non-VDD core pins on the
CS89712) (i.e., RTCOUT). The output clock pin
should be left floating.
2.21 Dedicated LED Flasher
The LED flasher feature enables an external pin
(PD[0] / LEDFLSH) to be toggled at a programma-
ble rate and duty ratio for connection to an LED.
This module is driven from the RTCs 32.768 kHz
oscillator and works in all running modes because
no CPU intervention is needed once its rate and
duty ratio have been configured (via the LEDFLSH
register). The LED flash rate period can be pro-
grammed for 1, 2, 3, or 4 seconds. The duty ratio
can be programmed such that the mark portion can
be 1/16 to 16/16 of the full cycle.
2.22 PWM Interfaces
Two Pulse Width Modulator (PWM) duty ratio
clock outputs are provided in the CS89712. When
the device is operating from the internal PLL, the
PWM will run at a frequency of 96 kHz. These sig-
nals are intended for use as drives for external DC-
to-DC converters in the Power Supply Unit (PSU)
subsystem. External input pins that would normally
be connected to the output from comparators mon-
itoring the external DC-to-DC converter output are
also used to enable these clocks. These are the
FB[1:0] pins. The duty ratio (and hence PWMs on
time) can be programmed from 1 in 16 to 15 in 16.
The sense of the PWM drive signal (active high or
low) is determined by latching the state of this
drive signal during power on reset (i.e., a pull-up on
the drive signal will result in a active low drive out-
put, and visa versa). This allows either positive or
negative voltages to be generated by the external
DC-to-DC converter.The DC to DC converter
channels remain enabled in Snooze State.
In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com