Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712-CB Datasheet(PDF) 65 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 65 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 61Page - Cirrus Logic CS89712-CB Datasheet HTML 62Page - Cirrus Logic CS89712-CB Datasheet HTML 63Page - Cirrus Logic CS89712-CB Datasheet HTML 64Page - Cirrus Logic CS89712-CB Datasheet HTML 65Page - Cirrus Logic CS89712-CB Datasheet HTML 66Page - Cirrus Logic CS89712-CB Datasheet HTML 67Page - Cirrus Logic CS89712-CB Datasheet HTML 68Page - Cirrus Logic CS89712-CB Datasheet HTML 69Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 170 page
background image
CS89712
DS502PP2
65
1) Software bids for frame storage by writing the
Transmit Command to the TxCMD register.
2) Software writes the transmit frame length to the
TxLength register. If the transmit length is er-
roneous, the command is discarded and the Tx-
BidErr bit (BusST register bit 7) is set.
3) The BusST register is read. The software must
first set the Ethernet Port Pointer at the correct
location by writing 0138h to the Ethernet Port
Pointer Port. Software can then read the BusST
register from the Ethernet Port Data Port.
4) After the read, Rdy4TxNOW (bit 8) is checked.
If set, the frame can be written. If clear, the soft-
ware must continue reading the BusST register
and checking Rdy4TxNOW until set.
When the CS89712 is ready to accept the frame,
software transfers the frame from host RAM to
Ethernet port memory Receive/Transmit Data Port.
2.34.7
Transmit in Interrupt Mode
In interrupt mode, Rdy4TxiE bit (BufCFG register
bit 8) must be set for transmit operation. Transmit
operation occurs in the following order:
1) The software bids for frame storage by writing
the Transmit Command to the TxCMD register.
2) The software writes the transmit frame length
to the TxLength register. If the transmit length
is erroneous, the command is discarded and the
TxBidErr, bit 7, in BusST register is set.
3) The BusST register is read. If the Rdy4TxNOW
bit is set, the frame can be written to Ethernet
port memory. If Rdy4TxNOW is clear, soft-
ware will have to wait for the Ethernet port
buffer memory to become available at which
time an interrupt is generated. On interrupt, the
interrupt service routine reads ISQ register and
checks the Rdy4Tx bit (bit 8). If Rdy4Tx is
clear then the software waits for the next inter-
rupt. If Rdy4Tx is set, then the Ethernet port is
ready to accept the frame.
4) When the Ethernet port is ready to accept the
frame, the software transfers the entire frame
from host memory to Ethernet port memory to
Receive/Transmit Data Port.
2.34.8
Completing Transmission
When the CS89712 successfully completes trans-
mitting a frame, it sets the TxOK bit (TxEvent reg-
ister bit 8). If the TxOKiE bit (TxCFG register bit
8) is set, an interrupt is generated.
2.34.9
Rdy4TxNOW vs. Rdy4Tx
The Rdy4TxNOW bit (BusST register bit 8) is used
to indicate the Ethernet port is ready to accept a
frame for transmission. This bit is used during the
Transmit Request process or after the Transmit Re-
quest process to signal the software that space has
become available when interrupts are not being
used (i.e. Rdy4TxiE, bit 8 of Register B, is not set).
Also, the Rdy4Tx bit is used with interrupts and re-
quires the Rdy4TxiE bit be set.
2.34.10 Committing Buffer Space to a Frame
When the software issues a transmit request, the
Ethernet port checks the length of the transmit
frame to see if there is sufficient on-chip buffer
space. If there is, the Ethernet port sets the
Rdy4TxNOW bit. If not, and the Rdy4TxiE bit is
set, the Ethernet port waits for buffer space to free
up and then sets the Rdy4Tx bit.
Even though transmit buffer space may be avail-
able, the Ethernet port does not commit buffer
space to a transmit frame until all of the following
are true:
1) The software must issues a Transmit Request;
2) The Transmit Request must be successful; and,
3) Either the software reads that the Rdy4TxNOW
bit (BusST register bit 8) is set, or the software
reads that the Rdy4Tx bit (BufEvent register bit
8) is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com