Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712-CB Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 29Page - Cirrus Logic CS89712-CB Datasheet HTML 30Page - Cirrus Logic CS89712-CB Datasheet HTML 31Page - Cirrus Logic CS89712-CB Datasheet HTML 32Page - Cirrus Logic CS89712-CB Datasheet HTML 33Page - Cirrus Logic CS89712-CB Datasheet HTML 34Page - Cirrus Logic CS89712-CB Datasheet HTML 35Page - Cirrus Logic CS89712-CB Datasheet HTML 36Page - Cirrus Logic CS89712-CB Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 170 page
background image
CS89712
DS502PP2
33
Just prior to the byte being transferred out, PCM-
SYNC goes high for one PCMCLK cycle. Then the
data is shifted out serially to PCMOUT, MSB first,
(with the MSB valid at the same time PCMSYNC
is asserted). Data is shifted on the rising edge of the
PCMCLK output.
Receiving of data is performed by taking data in se-
rially through PCMIN, again MSB first, shifting it
through the shift/load register and loading the com-
plete byte into the receive FIFO. If there is no data
available in the transmit FIFO, then a zero will be
loaded into the shift/load register. Input data is
sampled on the falling edge of PCMCLK. Data is
read from the CODR register.
Note:
After data is transmitted, the speaker amplifier
should be turned off to avoid audible noise. This
is needed because the CS89712 will continue
to transmit data from the FIFO even though it is
empty, thus causing noise. This will occur even
when receiving.
2.17.2
Digital Audio Interface
The DAI interface provides a high quality digital
audio connection to DAI compatible audio devices.
The DAI is a subset of I2S audio format that is sup-
ported by a number of manufacturers.
The DAI interface produces one 128-bit frame at
the audio sample frequency using a bit clock and
frame sync signal. Digital audio data is transferred,
full duplex, via separate transmit and receive data
lines. The bit clock frequency is programmable to
64 fs or 128 fs. The sample frequency (fs) is now
programmable from 8-48Khz using either the on-
chip PLL (73.728MHz) or the external 11.2896
Mhz clock.
The DAI interface contains separate transmit and
receive FIFO’s. The transmit FIFO’s are 8 audio
samples deep and the receive FIFO’s are 12 audio
samples deep.
DAI programming centers around the selection of
the desired sample frequency (fs). All three clocks
(MCLK, LRCK, SCLK) become a multiple of the
selected sample frequency as illustrated on the pre-
vious page. The DAI share the same output with the
CODEC and SSI as shown in Figure 6. Please see
Table 23 for the MUX programming matrix.
2.17.2.1
DAI Operation
Following reset, the DAI logic is disabled. To en-
able the DAI, the applications program should first
clear the emergency underflow and overflow status
bits, which are set following the reset, by writing a
1 to these register bits (in the DAISR register).
Next, the DAI control register should be pro-
grammed with the desired mode of operation using
a word write. The transmit FIFOs can either be
“primed” by writing up to eight 16-bit values each,
or can be filled by the normal interrupt service rou-
tine which handles the DAI FIFOs. Finally, the
FIFOs for each channel must be enabled via writes
to DAIDR2. At this point, transmission/reception
of data begins on the transmit (SDOUT) and re-
Figure 6. Portion of the CS89712 Block Diagram Showing Multiplexed Feature
CODEC
SSI2
DAI 128/64 fs
SSICLK,
SSITXFR,
SSITXDA,
SSIRXDA ,
SSIRSFR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com