Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712-CB Datasheet(PDF) 83 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 83 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 79Page - Cirrus Logic CS89712-CB Datasheet HTML 80Page - Cirrus Logic CS89712-CB Datasheet HTML 81Page - Cirrus Logic CS89712-CB Datasheet HTML 82Page - Cirrus Logic CS89712-CB Datasheet HTML 83Page - Cirrus Logic CS89712-CB Datasheet HTML 84Page - Cirrus Logic CS89712-CB Datasheet HTML 85Page - Cirrus Logic CS89712-CB Datasheet HTML 86Page - Cirrus Logic CS89712-CB Datasheet HTML 87Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 170 page
background image
CS89712
DS502PP2
83
3.5.2
SYSCON2 System Control Register 2 (address 0x8000.1100)
This is an extension of SYSCON1, containing additional control for the CS89712. The bits of this second system
control register are defined below. The SYSCON2 register is reset to all 0s on power up.
15
14
13
12
11:10
9
8
Reserved
BUZFREQ
CLKENSL
OSTB
Reserved
SS2MAEN
UART2EN
7
6
54321
0
SS2RXEN
PC CARD2
PC CARD1
SS2TXEN
KBWEN
DRAMSZ
KBD6
SERSEL
Bit
Description
0
SERSEL:The only affect of this bit is to select either SSI2 or the codec to interface to the external
pins. See the table below for the selection options.
NOTE: If the DAI bit of SYSCON3 is set, then it overrides the state of the SERSEL bit, and thus
the external pins are connected to the DAI interface.
1
KBD6: The state of this bit determines how many of the Port A inputs are OR’ed together to cre-
ate the keyboard interrupt. When zero (the reset state), all eight of the Port A inputs will generate
a keyboard interrupt. When set high, only Port A bits 0 to 5 will generate an interrupt from the
keyboard. It is assumed that the keyboard row lines are connected into Port A.
2
DRAMZ: This bit determines the width of the DRAM memory interface, where: 0=32-bit DRAM
and 1=16-bit DRAM.
3
KBWEN: When the KBWEN bit is high, the CS89712 will awaken from a power saving state into
the Operating State when a high signal is on one of Port A’s inputs (irrespective of the state of the
interrupt mask register). This is called the Keyboard Direct Wakeup mode. In this mode, the inter-
rupt request does not have to get serviced. If the interrupt is masked (i.e., the interrupt mask reg-
ister 2 (INTMR2) bit 0 is low), the processor simply starts re-executing code from where it left off
before it entered the power saving state. If the interrupt is non-masked, then the processor will
service the interrupt.
4
SS2TXEN: Transmit enable for the synchronous serial interface 2. The transmit side of SSI2 will
be disabled until this bit is set. When set low, this bit also disables the SSICLK pin (to save
power) in master mode, if the receive side is low.
5
PC CARD1: Enable for the interface to the CL-PS6700 device for PC Card slot 1. The main effect
of this bit is to reassign the functionality of Port B, bit 0 to the PRDY input from the CL-PS6700
devices, and to ensure that any access to the nCS4 address space will be according to the
CL-PS6700 interface protocol.
6
PC CARD2: Enable for the interface to the CL-PS6700 device for PC Card slot 2. The main effect
of this bit is to reassign the functionality of Port B, bit 1 to the PRDY input from the CL-PS6700
devices and to ensure that any access to the nCS5 address space will be according to the
CL-PS6700 interface protocol.
Table 38. SYSCON2
SERSEL Value
Selected Serial Device to
External Pins
0
Master / slave SSI2
1
Codec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com