Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712-CB Datasheet(PDF) 86 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 86 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 82Page - Cirrus Logic CS89712-CB Datasheet HTML 83Page - Cirrus Logic CS89712-CB Datasheet HTML 84Page - Cirrus Logic CS89712-CB Datasheet HTML 85Page - Cirrus Logic CS89712-CB Datasheet HTML 86Page - Cirrus Logic CS89712-CB Datasheet HTML 87Page - Cirrus Logic CS89712-CB Datasheet HTML 88Page - Cirrus Logic CS89712-CB Datasheet HTML 89Page - Cirrus Logic CS89712-CB Datasheet HTML 90Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 170 page
background image
CS89712
86
DS502PP2
3.5.4
SYSFLG1 — The System Status Flags Register (address 0x8000.0140)
The system status flags register is a 32-bit read only register, which indicates various system information. The bits
in the system status flags register SYSFLG1 are defined in Table 40.
31:30
29282726
VERID
ID
BOOTBIT1
BOOTBIT0
SSIBUSY
25
24
23
22
21:16
CTXFF
CRXFE
UTXFF1
URXFE1
RTCDIV
15
14
13
12
11
CLDFLG
PFFLG
RSTFLG
NBFLG
UBUSY1
7:4
3
2
1
0
DID
WUON
WUDR
DCDET
MCDR
Bit
Description
0
MCDR: Media changed direct read. This bit reflects the INVERTED non-latched status of the
media changed input.
1
DCDET: This bit will be set if a non-battery operated power supply is powering the system (it is
the inverted state of the nEXTPWR input pin).
2
WUDR: Wake up direct read. This bit reflects the non-latched state of the wakeup signal.
3
WUON: This bit will be set if the system has been brought out of the Standby State by a rising
edge on the wakeup signal. It is cleared by a system reset or by writing to the HALT or STDBY
locations.
4:7
DID: Display ID nibble. This 4-bit nibble reflects the latched state of the four LCD data lines. The
state of the four LCD data lines is latched by the LCDEN bit, and so it will always reflect the last
state of these lines before the LCD controller was enabled.
8
CTS: This bit reflects the current status of the clear to send (CTS) modem control input to
UART1.
9
DSR: This bit reflects the current status of the data set ready (DSR) modem control input to
UART1.
10
DCD: This bit reflects the current status of the data carrier detect (DCD) modem control input to
UART1.
11
UBUSY1: UART1 transmitter busy. This bit is set while UART1 is busy transmitting data, it is
guaranteed to remain set until the complete byte has been sent, including all stop bits.
12
NBFLG: New battery flag. This bit will be set if a low to high transition has occurred on the
nBATCHG input, it is cleared by writing to the STFCLR location.
13
RSTFLG: Reset flag. This bit will be set if the RESET button has been pressed, forcing the
nURESET input low. It is cleared by writing to the STFCLR location.
14
PFFLG: Power Fail Flag. This bit will be set if the system has been reset by the nPWRFL input
pin, it is cleared by writing to the STFCLR location.
15
CLDFLG: Cold start flag. This bit will be set if the CS89712 has been reset with a power on reset,
it is cleared by writing to the STFCLR location.
Table 40. SYSFLG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com