Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712-CB Datasheet(PDF) 46 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 46 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 42Page - Cirrus Logic CS89712-CB Datasheet HTML 43Page - Cirrus Logic CS89712-CB Datasheet HTML 44Page - Cirrus Logic CS89712-CB Datasheet HTML 45Page - Cirrus Logic CS89712-CB Datasheet HTML 46Page - Cirrus Logic CS89712-CB Datasheet HTML 47Page - Cirrus Logic CS89712-CB Datasheet HTML 48Page - Cirrus Logic CS89712-CB Datasheet HTML 49Page - Cirrus Logic CS89712-CB Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 170 page
background image
CS89712
46
DS502PP2
2.24.4
Writing and Erasing the EEPROM
To write data to the EEPROM, the software must
execute the following series of commands:
1) Issue an Erase/Write Enable command.
2) Load the data into the EEPROM Data register.
3) Issue a Write command.
4) Issue an Erase/Write Disable command.
During the Erase command, the Ethernet port
writes FFh to the specified EEPROM location.
During the Erase-All command, the Ethernet port
writes FFh to all locations.
2.25 Ethernet LEDs
The Ethernet port provides three output pins that
can be used to control LEDs or external logic.
2.25.1
LANLED
LANLED goes low whenever the Ethernet port
transmits or receives a frame, or when it detects a
collision. LANLED remains low until there has
been no activity for 6 ms (i.e. each transmission, re-
ception, or collision produces a pulse lasting a min-
imum of 6 ms).
2.25.2
LINKLED or HC0
LINKLED or HC0 can be controlled by either the
Ethernet port or the software. When controlled by
the Ethernet port, LINKLED is low whenever the
Ethernet port receives valid 10BASE-T link pulses.
To configure this pin for software control, the
HC0E bit (SelfCTL register, Bit C) must be clear.
When controlled by the software, LINKLED is low
when the HCB0 bit (SelfCTL register, Bit E) is set.
To configure it for software control, the HC0E bit
must be set. Table 27 summarizes this operation.
Command
Opcode
(bits 9,8)
EEPROM Address
(bits 7 to 0)
Data
EEPROM Type
Execution
Time
Read Register
1,0
word address
yes
all
25 µs
Write Register
0,1
word address
yes
all
10 ms
Erase Register
1.1
word address
no
all
10 ms
Erase/Write Enable
0,0
XX11-XXXX
no
‘CS46, ‘C46
9 µs
11XX-XXXX
no
‘CS56, ‘C56, ‘CS66, ‘C66
9 µs
Erase/Write Disable
0,0
0,0
XX00-XXXX
no
‘CS46, ‘C46
9 µs
00XX-XXXX
no
‘CS56, ‘C56, ‘CS66, ‘C66
9 µs
Erase-All Registers
0,0
0,0
XX10-XXXX
no
‘CS46, ‘C46
10 ms
10XX-XXXX
no
‘CS56, ‘C56, ‘CS66, ‘C66
9 µs
Write-All Register
0,0
0,0
XX01-XXXX
yes
‘CS46, ‘C46
10 ms
01XX-XXXX
yes
‘CS56, ‘C56, ‘CS66, ‘C66
10 ms
Table 26. EEPROM Commands
HC0E
(Bit C)
HCB0
(Bit E)
Pin Function
0N/A
Pin configured as LINKLED:
Output is low when valid
10BASE-T link pulses are
detected. Output is high if valid
link pulses are not detected
10
Pin configured as HC0:
Output is high
11
Pin configured as HC0:
Output is low
Table 27. LINKLED/HC0 Pin Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com