Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712-CB Datasheet(PDF) 51 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 51 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 47Page - Cirrus Logic CS89712-CB Datasheet HTML 48Page - Cirrus Logic CS89712-CB Datasheet HTML 49Page - Cirrus Logic CS89712-CB Datasheet HTML 50Page - Cirrus Logic CS89712-CB Datasheet HTML 51Page - Cirrus Logic CS89712-CB Datasheet HTML 52Page - Cirrus Logic CS89712-CB Datasheet HTML 53Page - Cirrus Logic CS89712-CB Datasheet HTML 54Page - Cirrus Logic CS89712-CB Datasheet HTML 55Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 170 page
background image
CS89712
DS502PP2
51
2.26.5.5
Normal Collisions
If a collision is detected before the end of the pre-
amble and SFD, the MAC finishes the preamble
and SFD, transmits the jam sequence (32-bit pat-
tern of all 0’s), and then initiates Backoff. If a col-
lision is detected after the transmission of the
preamble and SFD but before 512 bit times, the
MAC immediately terminates transmission, trans-
mits the jam sequence, and then initiates Backoff.
In either case, if the Onecoll bit (TxCMD register
bit 9) is clear, the MAC will attempt to transmit a
packet a total of 16 times (the initial attempt plus 15
retransmissions) due to normal collisions. On the
16th collision, it sets the 16coll bit (TxEvent regis-
ter bit F) and discards the packet. If the Onecoll bit
is set, the MAC discards the packet without at-
tempting any retransmission.
2.26.5.6
Late Collisions
If a collision is detected after the first 512 bits have
been transmitted, the MAC immediately terminates
transmission, transmits the jam sequence, discards
the packet, and sets the Out-of-window bit (Tx-
Event bit 9). The Ethernet port does not initiate
backoff or attempt to retransmit the frame. For ad-
ditional information about Late Collisions, see Sec-
tion 2.26.3.1, “Out-of-Window (Late) Collision” in
this section.
2.26.5.7
Backoff
After the MAC has completed transmitting the jam
sequence, it must wait, or "Back off", before at-
tempting to transmit again. The amount of time it
must wait is determined by one of two Backoff al-
gorithms:
the
Standard
Backoff
algorithm
(ISO/IEC 4.2.3.2.5) or the Modified Backoff algo-
rithm. The algorithm used is selected by the Mod-
BackoffE bit (LineCTL register bit B).
2.26.5.8
Standard Backoff
The Standard Backoff algorithm, also called the
"Truncated Binary Exponential Backoff", is de-
scribed by the equation:
0
≤ r ≤ 2k
where r (a random integer) is the number of slot
times the MAC must wait (1 slot time = 512 bit
times), and k is the smaller of n or 10, where n is the
number of retransmission attempts.
2.26.5.9
Modified Backoff
The Modified Backoff is described by the equation:
0
≤ r ≤ 2k
where r (a random integer) is the number of slot
times the MAC must wait, and k is 3 for n < 3 and
k is the smaller of n or 10 for n
≥ 3, where n is the
number of retransmission attempts.
The advantage of the Modified Backoff algorithm
over the Standard Backoff algorithm is that it re-
duces the possibility of multiple collisions on the
first three retries. The disadvantage is that it ex-
tends the maximum time needed to gain access to
the network for the first three retries.
The software may choose to disable the Backoff al-
gorithm altogether by setting the DisableBackoff
bit (TestCTL register bit B). When disabled, the
Ethernet port only waits the 9.6 µs IPG time before
starting transmission.
2.27 Encoder/Decoder (ENDEC)
The Ethernet port’s integrated encoder/decoder
(ENDEC) circuit is compliant with the relevant
portions of section 7 of the Ethernet standard
(ISO/IEC 8802-3, 1993). Its primary functions in-
clude: Manchester encoding of transmit data; in-
forming the MAC when valid receive data is
present (Carrier Detection); and, recovering the
clock and NRZ data from incoming Manchester-
encoded data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com