Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712-CB Datasheet(PDF) 98 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 98 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 94Page - Cirrus Logic CS89712-CB Datasheet HTML 95Page - Cirrus Logic CS89712-CB Datasheet HTML 96Page - Cirrus Logic CS89712-CB Datasheet HTML 97Page - Cirrus Logic CS89712-CB Datasheet HTML 98Page - Cirrus Logic CS89712-CB Datasheet HTML 99Page - Cirrus Logic CS89712-CB Datasheet HTML 100Page - Cirrus Logic CS89712-CB Datasheet HTML 101Page - Cirrus Logic CS89712-CB Datasheet HTML 102Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 170 page
background image
CS89712
98
DS502PP2
generated repetitively at 1/8th the byte transfer rate and the FIFO state can be read in the system flags reg-
ister. The net data transfer rate to / from the codec device is 8 kBytes/s, giving an interrupt rate of 1 kHz.
3.9.6
STFCLR Clear all “Start Up Reason” Flags Location (address 0x8000.05C0)
A write to this location will clear all the “Start Up Reason” flags in the system flags status register SYSFLG.
The ‘Start Up Reason’ flags should first read to determine the reason why the chip was started (i.e., a new
battery was installed). Any value may be written to this location.
3.10 UART Registers
3.10.1
UARTDR1–2, UART1–2 Data Registers (address 0x8000.0480 and 0x8000.1480)
The UARTDR registers are 11-bit read and 8-bit write registers for all data transfers to or from the internal UARTs
1 and 2.
Data written to these registers is pushed onto the 16-byte data TX holding FIFO if the FIFO is enabled. If not it is
stored in a one byte holding register. This write will initiate transmission from the UART.
The UART data read registers are made up of the 8-bit data byte received from the UART together with three bits
of error status. If the FIFO is enabled, data read from this register is popped from the 16 byte data RX FIFO. If the
FIFO is not enabled, it is read from a one byte buffer register containing the last byte received by the UART. If it is
enabled, data received and error status is automatically pushed onto the RX FIFO. The RX FIFO is 10-bits wide by
16 deep.
Note:
These registers should be accessed as words.
10
9
8
7:0
OVERR
PARERR
FRMERR
RX data
Bit
Description
8
FRMERR: UART framing error. This bit is set if the UART detected a framing error while receiv-
ing the associated data byte. Framing errors are caused by non-matching word lengths or bit
rates.
9
PARERR: UART parity error. This bit is set if the UART detected a parity error while receiving the
data byte.
10
OVERR: UART over-run error. This bit is set if more data is received by the UART and the FIFO
is full. The overrun error bit is not associated with any single character and so is not stored in the
FIFO. If this bit is set, the entire contents of the FIFO is invalid and should be cleared. This error
bit is cleared by reading the UARTDR register.
Table 53. UARTDR1-2 UART1-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com