Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712-CB Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 31Page - Cirrus Logic CS89712-CB Datasheet HTML 32Page - Cirrus Logic CS89712-CB Datasheet HTML 33Page - Cirrus Logic CS89712-CB Datasheet HTML 34Page - Cirrus Logic CS89712-CB Datasheet HTML 35Page - Cirrus Logic CS89712-CB Datasheet HTML 36Page - Cirrus Logic CS89712-CB Datasheet HTML 37Page - Cirrus Logic CS89712-CB Datasheet HTML 38Page - Cirrus Logic CS89712-CB Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 170 page
background image
CS89712
DS502PP2
35
frame synchronization. Each transition of LRCK
delineates the left and right halves of an audio sam-
ple. When LRCK transitions from high-to-low the
next 16 bits make up the right side of a sample.
When LRCK transitions from low-to-high the next
16 bits make up the left side of a sample.
2.17.2.3
DAI Signals
MCLK is used as an input to the CS89712 for gen-
erating the DAI timing. This signal is also usually
used as an input to a DAC/ADC as an oversampled
clock. This signal is fixed at 256 times the audio
sample frequency.
The SCLKbit clock is used as the bit clock input
into the DAC/ADC. This signal is fixed at 128 or
64 times the audio sample frequency.
LRCK is used as a frame synchronization input to
the DAC/ADC. This signal is fixed at the audio
sample frequency. This signal is clocked out on the
negative going edge of SCLK.
SDOUT is used for sending playback data to a
DAC. This signal is clocked out on the negative go-
ing edge of the SCLK output.
SDIN is used for receiving record data from an
ADC. This signal is latched by the CS89712 on the
positive going edge of SCLK.
Figure 7. Digital Audio Clock Generation
PLL
(73.728MHz)
EXTCLK
(11.2896)
/
2
MUX
(AUDCLKSRC)
Programmable Divide
(AUDIV)
128(fs)
/32
Audio Bit Clock 128/64(fs) SCLK
LRCLK(Fs)
MCLK
7-bit
counter
fixed at 4
Audio
Sample
Frequency
(fs)
Audio
Data
FIFO
Control
256Fs
BUZZ
BUZZ-PIN
DAI
MSB
LRCK
SCLK
Left Channel
Right Channel
SDATA
+3 +2 +1
+5 +4
-1 -2 -3 -4 -5
+3 +2 +1
+5 +4
-1 -2 -3 -4
SDATA
+3 +2 +1
+5 +4
-1 -2 -3 -4 -5
+3 +2 +1
+5 +4
-1 -2 -3 -4
SDATAI
+3 +2 +1
+5 +4
-1 -2 -3 -4 -5
+3 +2 +1
+5 +4
-1 -2 -3 -4
O
128 SCLKs
MSB
MSB
MSB
LSB
LSB
LSB
LSB
Figure 8. CS89712 - Digital Audio Interface Timing – MSB / Left Justified format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com