Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89712-CB Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 16Page - Cirrus Logic CS89712-CB Datasheet HTML 17Page - Cirrus Logic CS89712-CB Datasheet HTML 18Page - Cirrus Logic CS89712-CB Datasheet HTML 19Page - Cirrus Logic CS89712-CB Datasheet HTML 20Page - Cirrus Logic CS89712-CB Datasheet HTML 21Page - Cirrus Logic CS89712-CB Datasheet HTML 22Page - Cirrus Logic CS89712-CB Datasheet HTML 23Page - Cirrus Logic CS89712-CB Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 170 page
background image
CS89712
20
DS502PP2
2.8.1
Interrupt Latencies
2.8.1.1
Operating State
The ARM720T core checks for a low level on its
FIQ and IRQ inputs at each instruction boundary.
The interrupt latency is therefore directly related to
the amount of time it takes to complete execution
of the current instruction when the interrupt condi-
tion is detected. First, there is a one to two clock cy-
cle synchronization penalty. For the case where the
CS89712 is operating with a 16-bit external mem-
ory system, and the program stored in one wait
state FLASH memory, the worst-case interrupt la-
tency is 251 clock cycles. This includes a delay for
cache line fills for instruction prefetches, and a data
abort occurring at the end of the LDM instruction,
and the LDM being non-quad word aligned. In ad-
dition, the worst-case interrupt latency assumes
that LCD DMA cycles to support a panel size of
320 x 240 at 4 bits-per-pixel, 60 Hz refresh rate, is
in progress. This would give a worst-case interrupt
latency of about 3.4
µs for 74 MHz operation. For
operation at different frequencies and/or with
32 bit wide external memory, the latency will
change accordingly.
For the nMEDCHG signal, this figure is substan-
tially increased by the maximum time required to
pass through the deglitcher, approximately 125
µs
(2 cycles of the 16.384 kHz clock derived from the
RTC oscillator). This results in an absolute worst-
case latency of approximately 128
µs. Refer to
Table 10 for a summary.
All the serial data transfer peripherals included in
the CS89712 (except for the master-only SSI1)
have local buffering to ensure a reasonable inter-
rupt latency response requirement for the OS of <
1 ms. This assumes that the design data rates do not
exceed the data rates described in this specification.
If the OS cannot meet this requirement, there will
be a risk of data over/underflow occurring.
2.8.1.2
Idle State
When leaving the Idle State as a result of an inter-
rupt, the CPU clock is restarted after approximately
two clock cycles. However, there is still potentially
up to a 251 clock latency as described in the first
section above, unless the code is written to include
at least two single cycle instructions immediately
after the write to the IDLE register (in which case
the latency drops to a few microseconds). This is
important, as the Idle State can only be left because
of a pending interrupt, which has to be synchro-
nized by the processor before it can be serviced.
2.8.1.3
Standby State
In the Standby State, the latency will depend on
whether the system clock is shut down and if the
FASTWAKE bit in the SYSCON3 register is set. If
the system is configured to run from the internal
PLL clock, then the PLL will always be shut down
when in the Standby State. In this case, if the
FASTWAKE bit is cleared, then there will be a la-
tency of between 0.125 sec to 0.25 sec. If the
FASTWAKE bit is set, then there will be a latency
of between 250
µsec to 500 µsec.
Whenever the CS89712 is in the Standby State, the
external address and data buses are driven low. The
RUN signal is used internally to force these buses
to be driven low. This prevents de-powered periph-
erals from draining current. Also, the internal pe-
ripheral’s signals are set to their Reset State.
2.8.1.4
Snooze State
In Snooze State, the latency will be reduced to the
same as for the Idle State described above. This is
true at any frequency because the PLL or external
clock source is not stopped. All clocks except the
minimum required for LCD refresh from the inter-
nal SRAM are disabled to save further power.
To drastically reduce the potential worst case laten-
cy when leaving Snooze State to a few microsec-
onds, ensure that the code contains two single cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com