Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1AS Datasheet(PDF) 52 Page - STMicroelectronics

Part # STGAP1AS
Description  Automotive galvanically isolated advanced single gate driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1AS Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STGAP1AS Datasheet HTML 48Page - STMicroelectronics STGAP1AS Datasheet HTML 49Page - STMicroelectronics STGAP1AS Datasheet HTML 50Page - STMicroelectronics STGAP1AS Datasheet HTML 51Page - STMicroelectronics STGAP1AS Datasheet HTML 52Page - STMicroelectronics STGAP1AS Datasheet HTML 53Page - STMicroelectronics STGAP1AS Datasheet HTML 54Page - STMicroelectronics STGAP1AS Datasheet HTML 55Page - STMicroelectronics STGAP1AS Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 70 page
background image
Programming manual
STGAP1AS
52/70
DocID029344 Rev 2
9.2
Registers and flags description
All device features can be configured through a set of 8-bit long registers.
There are three different types of registers:
Local registers are located on the low voltage side
Remote registers are located on the isolated side
Shared registers are located both on the low voltage and isolated side and the value of
the two copies is kept synchronized.
A map of the user registers is shown in Table 22.
Table 22. Registers map
Name
Side
(1)
Structure
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
CFG1
L
CRC_SPI UVLOD_EN SD_FLAG DIAG_EN
DTset
INfilter
CFG2
R
SENSEth
DESATcur
DESATth
CFG3
R
2LTOth
2LTOtime
CFG4
R
-
-
OVLO_EN UVLOlatch
VLONth
VHONth
CFG5
R
-
-
-
-
2LTO_EN CLAMP_EN DESAT_EN SENSE_EN
STATUS1
L
OVLOH
OVLOL
DESAT
SENSE
UVLOH
UVLOL
TSD
TWN
STATUS2
L
-
-
-
-
-
REGERRR
ASC
-
STATUS3
L
-
-
-
DT_ERR
SPI_ERR
REGERRL
OVLOD
UVLOD
TEST1
R
-
-
-
GOFFCHK GONCHK
DESCHK
SNSCHK
RCHK
DIAG1CFG
L
DIAG1_7
DIAG1_6
DIAG1_5
DIAG1_4
DIAG1_3
DIAG1_2
DIAG1_1
DIAG1_0
DIAG2CFG
L
DIAG2_7
DIAG2_6
DIAG2_5
DIAG2_4
DIAG2_3
DIAG2_2
DIAG2_1
DIAG2_0
1. R: remote (isolated side), L: local (low voltage side).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com