Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1AS Datasheet(PDF) 19 Page - STMicroelectronics

Part # STGAP1AS
Description  Automotive galvanically isolated advanced single gate driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1AS Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STGAP1AS Datasheet HTML 15Page - STMicroelectronics STGAP1AS Datasheet HTML 16Page - STMicroelectronics STGAP1AS Datasheet HTML 17Page - STMicroelectronics STGAP1AS Datasheet HTML 18Page - STMicroelectronics STGAP1AS Datasheet HTML 19Page - STMicroelectronics STGAP1AS Datasheet HTML 20Page - STMicroelectronics STGAP1AS Datasheet HTML 21Page - STMicroelectronics STGAP1AS Datasheet HTML 22Page - STMicroelectronics STGAP1AS Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 70 page
background image
DocID029344 Rev 2
19/70
STGAP1AS
Electrical characteristics
70
tVCECLoff
19
VCE clamping time-out
-
2
2.30
2.60
µs
tVCECL
VCE clamping
intervention time(1)
--
20
-
ns
ASC function
VASCl
24
Low logic level voltage
-
0.80
1.10
1.40
V
VASCh
High logic level voltage
-
1.80
2.20
2.40
V
IASCh
ASC logic “1” input bias
current
VASC = 5 V
55
100
145
µA
IASCl
ASC logic “0” input bias
current
VASC = 0 V
-
-
0.10
µA
RASC
ASC pull-down
resistors
VASC = 5 V
35
50
70
k
tASC
ASC intervention time
VASC = 5 V
100
-
250
ns
Functionality checks
tGchk
20, 21
Gate path check time
(GON/GOFF)(2)
--
-
30
µs
VGchk
20
Gate path check
voltage (GON)
-
0.7 x VH
0.76 x VH
0.84 x VH
V
tRchk
16
SENSE resistor check
time
--
-
15
µs
IGOFFchk
21
GOFF path check
current
-
-420
-350
-280
µA
ISENSERchk
16
SENSE resistor check
current
VSENSE < 1 V
8
10
12
µA
tSENSEchk
SENSE comparator
check time
--
-
15
µs
tDESATchk
18
DESAT comparator
check time
--
-
15
µs
Overtemperature protection
TWN
-
Warning temperature(1)
-
125
-
-
°C
TSD
-
Shutdown
temperature(1)
-
155
-
-
°C
Thys
-
Temperature
hysteresis(1)
--
20
-
°C
Standby
ISTBY_VDD
7
VDD standby current
VDD = 5 V
0.40
0.80
1
mA
tsleep
-
Standby time
SD = '0',
measured from CS rise
500
700
900
ns
tawake
-
Logic wake-up time(1)
SD = '1'
5
-
-
µs
Table 6. DC operation electrical characteristics
(Tj = -40 to 125 °C, VDD = 5 V; VH = 15 V, VL = GNDISO) (continued)
Symbol
Pin
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com