Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1AS Datasheet(PDF) 17 Page - STMicroelectronics

Part # STGAP1AS
Description  Automotive galvanically isolated advanced single gate driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1AS Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STGAP1AS Datasheet HTML 13Page - STMicroelectronics STGAP1AS Datasheet HTML 14Page - STMicroelectronics STGAP1AS Datasheet HTML 15Page - STMicroelectronics STGAP1AS Datasheet HTML 16Page - STMicroelectronics STGAP1AS Datasheet HTML 17Page - STMicroelectronics STGAP1AS Datasheet HTML 18Page - STMicroelectronics STGAP1AS Datasheet HTML 19Page - STMicroelectronics STGAP1AS Datasheet HTML 20Page - STMicroelectronics STGAP1AS Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 70 page
background image
DocID029344 Rev 2
17/70
STGAP1AS
Electrical characteristics
70
tBLK
18
DESAT protection fixed
blanking time
160
250
340
ns
tDESAT
DESAT protection
intervention time
VDESAT = VDESAth to
GOFF 90%
CLOAD = 10 nF
2LTO disabled
80
150
220
ns
SENSE overcurrent function
VSENSEth
16
SENSE protection
threshold
SENSEth = '000'
88
100
112
mV
SENSEth = '001'
110
125
140
SENSEth = '010'
135
150
165
SENSEth = '011'
158
175
192
SENSEth = '100'
185
200
215
SENSEth = '101'
235
250
268
SENSEth = '110'
285
300
315
SENSEth = '111'
380
400
420
tSENSE
SENSE protection
intervention time
SENSEth = '111'
0
1 V step on VSENSE
to GOFF 90%;
CLOAD = 10 nF
2LTO disabled
-95
120
ns
2-level turn-off function
V2LTOth
21
2LTO threshold
2LTOth = '0000'
6.65
7.00
7.35
V
2LTOth = '0001'
7.12
7.50
7.88
2LTOth = '0010'
7.60
8.00
8.40
2LTOth = '0011'
8.07
8.50
8.93
2LTOth = '0100'
8.55
9.00
9.45
2LTOth = '0101'
9.02
9.50
9.98
2LTOth = '0110'
9.50
10.00
10.50
2LTOth = '0111'
9.97
10.50
11.03
2LTOth = '1000'
10.45
11.00
11.55
2LTOth = '1001'
10.92
11.50
12.08
2LTOth = '1010'
11.40
12.00
12.60
2LTOth = '1011'
11.87
12.50
13.13
2LTOth = '1100'
12.35
13.00
13.65
2LTOth = '1101'
12.82
13.50
14.18
2LTOth = '1110'
13.30
14.00
14.70
2LTOth = '1111'
13.77
14.50
15.23
Table 6. DC operation electrical characteristics
(Tj = -40 to 125 °C, VDD = 5 V; VH = 15 V, VL = GNDISO) (continued)
Symbol
Pin
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com