Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1AS Datasheet(PDF) 26 Page - STMicroelectronics

Part # STGAP1AS
Description  Automotive galvanically isolated advanced single gate driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1AS Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STGAP1AS Datasheet HTML 22Page - STMicroelectronics STGAP1AS Datasheet HTML 23Page - STMicroelectronics STGAP1AS Datasheet HTML 24Page - STMicroelectronics STGAP1AS Datasheet HTML 25Page - STMicroelectronics STGAP1AS Datasheet HTML 26Page - STMicroelectronics STGAP1AS Datasheet HTML 27Page - STMicroelectronics STGAP1AS Datasheet HTML 28Page - STMicroelectronics STGAP1AS Datasheet HTML 29Page - STMicroelectronics STGAP1AS Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 70 page
background image
Functional description
STGAP1AS
26/70
DocID029344 Rev 2
7.2
Deadtime and interlocking
When single gate drivers are used in half-bridge configuration, they usually do not allow
preventing cross conduction in case of wrong input signals coming from the controller
device. This limitation is due to the fact that each driver does not have the possibility to
know the status of the input signal of the other companion driver in the same leg. Thanks to
the availability of two input pins with opposite polarity the STGAP1AS allows implementing
an hardware interlocking that prevents cross conduction even in case of wrong input signals
generated by the control unit. This functionality can be achieved by implementing the
connection shown in Figure 5 and by configuring the IN-/DIAG2 pin as input (which is its
default configuration).
Figure 5. HW cross conduction prevention in half-bridge configuration with two
single gate drivers
When such configuration is used, it is also possible to enable the STGAP1AS
programmable deadtime feature, which guarantees that at least a DT time passes between
the turn-off of one driver's output and the turn-on of the other driver. The deadtime value DT
can be programmed through the SPI interface as shown in Table 29 on page 54.
If the deadtime feature is enabled, a counter is started when the input status changes from <
IN- = '1' and IN+ = '0' > to a different combination, which means that the other driver in the
same leg is at the beginning of a turn-off (refer to Figure 6).
Once the counter is started it keeps counting regardless of any input variation until a DT
time has passed, and during this time the driver prevents the turn-on of its output even if the
controller tries to force the turn-on (inputs set to < IN- = '0' and IN+ = '1' >).
Once the programmed DT counter is expired, the driver immediately turns the output on as
soon as a turn-on command is present at the input pins, and no extra delay is added.
μC
HIN
LIN
IN+
IN-
gapDRIVE HS
IN+
IN-
gapDRIVE LS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com