Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1AS Datasheet(PDF) 25 Page - STMicroelectronics

Part # STGAP1AS
Description  Automotive galvanically isolated advanced single gate driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1AS Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STGAP1AS Datasheet HTML 21Page - STMicroelectronics STGAP1AS Datasheet HTML 22Page - STMicroelectronics STGAP1AS Datasheet HTML 23Page - STMicroelectronics STGAP1AS Datasheet HTML 24Page - STMicroelectronics STGAP1AS Datasheet HTML 25Page - STMicroelectronics STGAP1AS Datasheet HTML 26Page - STMicroelectronics STGAP1AS Datasheet HTML 27Page - STMicroelectronics STGAP1AS Datasheet HTML 28Page - STMicroelectronics STGAP1AS Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 70 page
background image
DocID029344 Rev 2
25/70
STGAP1AS
Functional description
70
7
Functional description
7.1
Inputs and outputs
The device is controlled through following logic inputs:
SD: active low shutdown input
IN+: driver input
CS: active low chip select (SPI)
SDI: serial data input (SPI)
CK: serial clock (SPI)
And following logic outputs:
SDO: serial logic output (SPI)
DIAG1: diagnostic signal (open drain)
And following IO pin:
IN-/DIAG2: driver input or diagnostic open drain output.
Logic input thresholds and output ranges vary according to VDD voltage. In particular, the
device is designed to work with VDD supply voltages of 5 V or 3.3 V.
The operation of the driver IOs can be programmed through DIAG_EN bits as described in
Table 10
.
A deglitch filter is applied to device inputs (SD, IN+, IN-). Each input pulse, positive and
negative, shorter than the programmed tdeglitch value is neglected by internal logic.
Deglitch time can be programmed as listed in Table 30 on page 54.
When the deglitch filter is disabled (INfilter = '00') and the 2-level turn-off function is disabled
(2LTOtime = 0x0) or enabled only after a fault event (2LTO_EN = '0'), a minimum input pulse
tINmin is required to change the device output status. The minimum input pulse timing filters
out both positive and negative pulses at the IN+, IN- and SD pins.
Table 10. Inputs true table (device NOT in “safe state”)
Bit in CFG1 register
Input pins
Output pins
DIAG_EN
SD
IN+
IN-
GON
GOFF
X0
X
X
OFF
ON
01
0
0
OFF
ON
01
0
1
OFF
ON
0
1
1
0
ON
OFF
01
1
1
OFF
ON
11
0
X(1)
1. The IN-/DIAG2 pin is used as the open drain output for diagnostic signaling (refer to Section 7.11 on page
35
).
OFF
ON
11
1
X(1)
ON
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com