Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1AS Datasheet(PDF) 61 Page - STMicroelectronics

Part # STGAP1AS
Description  Automotive galvanically isolated advanced single gate driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1AS Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STGAP1AS Datasheet HTML 57Page - STMicroelectronics STGAP1AS Datasheet HTML 58Page - STMicroelectronics STGAP1AS Datasheet HTML 59Page - STMicroelectronics STGAP1AS Datasheet HTML 60Page - STMicroelectronics STGAP1AS Datasheet HTML 61Page - STMicroelectronics STGAP1AS Datasheet HTML 62Page - STMicroelectronics STGAP1AS Datasheet HTML 63Page - STMicroelectronics STGAP1AS Datasheet HTML 64Page - STMicroelectronics STGAP1AS Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 70 page
background image
DocID029344 Rev 2
61/70
STGAP1AS
Programming manual
70
9.2.6
STATUS1 register (low voltage side)
The STATUS1 is a read only register that reports some device failure flags.
All flags are active high (the high value indicates a failure condition). The STATUS1 register
has the structure of Table 48.
A description of the STATUS1 register bits is provided in Table 49.
Table 48. STATUS1 register
-
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
OVLOH
OVLOL
DESAT
SENSE
UVLOH
UVLOL
TSD
TWN
Default(1)
00
0
0
1
0
0
0
Reset
0
0
0
0
0
0
0
0
1. Default value of the local copy of the register. The value will be updated according to the actual information from the
isolated side. The default is forced at the device power-up, when the registers are reset all the flags are forced low (no
failures).
Table 49. STATUS1 register description
Name
Bit
Fault
Latched
Force
“safe state”
Note
OVLOH
7
VH overvoltage flag.
It is forced high when VH is over
OVVHoff threshold.
Always
Yes
-
OVLOL
6
VL overvoltage flag.
It is forced high when VL is over
OVVLoff threshold.
Always
Yes
-
DESAT
5
Desaturation flag.
It is forced high when DESAT pin
voltage reach VDESATth threshold.
Always
Yes
-
SENSE
4
Sense flag.
It is forced high when SENSE pin
voltage reach VSENSEth threshold.
Always
Yes
-
UVLOH
3
VH undervoltage flag.
It is forced high when VH is below
VHoff threshold.
When
UVLOlatch is
high only
Yes
If not latched (UVLOlatch low)
UVLOH returns low when VH is
over VHon threshold.
UVLOL
2
VL undervoltage flag.
It is forced high when VL is over VLoff
threshold.
When
UVLOlatch is
high only
Yes
If not latched (UVLOlatch low)
UVLOL returns low when VL is
below VLon threshold.
TSD
1
Thermal shutdown protection flag.
It is forced high when
overtemperature shutdown threshold
is reached.
No
(hysteresis)
Yes
-
TWN
0
Thermal warning flag.
It is forced high when
overtemperature shutdown threshold
is reached.
No
(hysteresis)
No
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com