Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1AS Datasheet(PDF) 59 Page - STMicroelectronics

Part # STGAP1AS
Description  Automotive galvanically isolated advanced single gate driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1AS Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STGAP1AS Datasheet HTML 55Page - STMicroelectronics STGAP1AS Datasheet HTML 56Page - STMicroelectronics STGAP1AS Datasheet HTML 57Page - STMicroelectronics STGAP1AS Datasheet HTML 58Page - STMicroelectronics STGAP1AS Datasheet HTML 59Page - STMicroelectronics STGAP1AS Datasheet HTML 60Page - STMicroelectronics STGAP1AS Datasheet HTML 61Page - STMicroelectronics STGAP1AS Datasheet HTML 62Page - STMicroelectronics STGAP1AS Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 70 page
background image
DocID029344 Rev 2
59/70
STGAP1AS
Programming manual
70
The VLONth bits set the UVLO threshold on the negative power supply according to
Table 41
.
Setting the parameter to zero disables the UVLO protection of the VL supply.
The VHONth bits set the UVLO threshold on the positive power supply according to
Table 42
.
Setting the parameter to zero disables the UVLO protection of the VH supply.
9.2.5
CFG5 register (isolated side)
The CFG5 register has the structure of Table 43.
Table 40. UVLO protection management
UVLOlatch
UVLO protection management
0
UVLO protection is not latched
1
UVLO protection is latched
Table 41. VL negative supply voltage UVLO threshold
VLONth [1 ... 0]
Negative supply voltage UVLO threshold [V]
0
0
Disabled
01
-3
10
-5
11
-7
Table 42. VH positive supply voltage UVLO threshold
VHONth [1 ... 0]
Positive supply voltage UVLO threshold [V]
0
0
Disabled
01
10
10
12
11
14
Table 43. CFG5 register
-
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
-
-
-
2LTO_EN
CLAMP_EN
DESAT_EN
SENSE_EN
Default/reset
-
-
-
-
0
1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com