Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1AS Datasheet(PDF) 51 Page - STMicroelectronics

Part # STGAP1AS
Description  Automotive galvanically isolated advanced single gate driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1AS Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STGAP1AS Datasheet HTML 47Page - STMicroelectronics STGAP1AS Datasheet HTML 48Page - STMicroelectronics STGAP1AS Datasheet HTML 49Page - STMicroelectronics STGAP1AS Datasheet HTML 50Page - STMicroelectronics STGAP1AS Datasheet HTML 51Page - STMicroelectronics STGAP1AS Datasheet HTML 52Page - STMicroelectronics STGAP1AS Datasheet HTML 53Page - STMicroelectronics STGAP1AS Datasheet HTML 54Page - STMicroelectronics STGAP1AS Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 70 page
background image
DocID029344 Rev 2
51/70
STGAP1AS
Programming manual
70
9.1.4
ResetStatus and GlobalReset commands
The ResetStatus command is a specific reset command which acts on all status registers
releasing all the latched flags. The command is executed only when the SD input is low,
otherwise the SPI_ERR flag is forced low.
The GlobalReset command reset all the registers to the default and releases all the failure
flag (if latched). It can be sent when the device is in the configuration mode only, otherwise
the command is ignored and the SPI_ERR flag is forced low.
9.1.5
Sleep command
The command forces the device to switch in standby mode within a tsleep period. The
command is executed only when the SD pin in low, if the SD pin is high the command is
ignored and the SPI_ERR flag is forced low.
Refer to Section 6.4 on page 24 for the description of the standby mode.
9.1.6
NOP command
The command does not modify the device status and does not generate any answer.
Table 18. ResetStatus command synopsis
Byte
1
2
To device
1101 0000
0011 0010(1)
1. The CRC byte of the command, if the CRC check is disabled this byte is ignored.
Table 19. GlobalReset command synopsis
Byte
1
2
To device
1110 1010
1001 0100(1)
1. The CRC byte of the command, if the CRC check is disabled this byte is ignored.
Table 20. Sleep command synopsis
Byte
1
2
To device
1111 0101
1100 1001(1)
1. The CRC byte of the command, if the CRC check is disabled this byte is ignored.
Table 21. NOP command synopsis
Byte
1
2
To device
0000 0000
0000 1100(1)
1. The CRC byte of the command, if the CRC check is disabled this byte is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com