Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1AS Datasheet(PDF) 41 Page - STMicroelectronics

Part # STGAP1AS
Description  Automotive galvanically isolated advanced single gate driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1AS Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STGAP1AS Datasheet HTML 37Page - STMicroelectronics STGAP1AS Datasheet HTML 38Page - STMicroelectronics STGAP1AS Datasheet HTML 39Page - STMicroelectronics STGAP1AS Datasheet HTML 40Page - STMicroelectronics STGAP1AS Datasheet HTML 41Page - STMicroelectronics STGAP1AS Datasheet HTML 42Page - STMicroelectronics STGAP1AS Datasheet HTML 43Page - STMicroelectronics STGAP1AS Datasheet HTML 44Page - STMicroelectronics STGAP1AS Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 70 page
background image
DocID029344 Rev 2
41/70
STGAP1AS
Functional description
70
7.14.4
SENSE resistor check
The purpose of this security check is to verify the connection between the device and the
sense shunt resistor and to verify the optional sense resistor filter network is not open.
To perform this test, the following procedure has to be followed:
Set SD = low
Send StartConfig command
Set SENSE_EN = '1'
Set SNSCHK = '1'
Send StopConfig command
Wait tRchk + tSENSERchk
Read SENSE flag
–
SENSE = '0' → OK (VSENSE < VSENSEth)
–
SENSE = '1' → FAIL (VSENSE > VSENSEth)
During the check a small current ISENSERchk is sourced from the SENSE pin (see
Figure 18
). If the sense resistor is not present or floating, SENSE pin voltage will rise and
once VSENSEth is exceeded, a SENSE fault will be reported in the STATUS1 register within
tRchk.
To ensure the check result, the following condition has to be verified:
–
The SENSE flag read has to be delayed of tSENSERchk, which is the time the
customer filtering network and/or the power switch gate takes to reach VSENSEth
by the ISENSERchk current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com