Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1AS Datasheet(PDF) 68 Page - STMicroelectronics

Part # STGAP1AS
Description  Automotive galvanically isolated advanced single gate driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1AS Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STGAP1AS Datasheet HTML 62Page - STMicroelectronics STGAP1AS Datasheet HTML 63Page - STMicroelectronics STGAP1AS Datasheet HTML 64Page - STMicroelectronics STGAP1AS Datasheet HTML 65Page - STMicroelectronics STGAP1AS Datasheet HTML 66Page - STMicroelectronics STGAP1AS Datasheet HTML 67Page - STMicroelectronics STGAP1AS Datasheet HTML 68Page - STMicroelectronics STGAP1AS Datasheet HTML 69Page - STMicroelectronics STGAP1AS Datasheet HTML 70Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 68 / 70 page
background image
Package information
STGAP1AS
68/70
DocID029344 Rev 2
Figure 27. SO24W suggested land pattern
Table 59. SO24W package mechanical data
Symbol
Dimensions (mm)
Notes
Min.
Typ.
Max.
A
2.35
-
2.65
-
A1
0.10
-
0.30
-
B
0.33
-
0.51
-
C
0.23
-
0.32
-
D
15.20
-
15.60
(1)
1. Dimension “D” does not include mold flash, protrusions or gate burrs. Mold flash, protrusions or gate burrs
shall not exceed 0.15 mm per side.
E
7.40
-
7.60
-
e
-
1.27
-
-
H
10.00
-
10.65
-
h
0.25
-
0.75
-
L
0.40
-
1.27
-
K
0
-
8
Degrees
ddd
-
-
0.10
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com