Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1AS Datasheet(PDF) 55 Page - STMicroelectronics

Part # STGAP1AS
Description  Automotive galvanically isolated advanced single gate driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1AS Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STGAP1AS Datasheet HTML 51Page - STMicroelectronics STGAP1AS Datasheet HTML 52Page - STMicroelectronics STGAP1AS Datasheet HTML 53Page - STMicroelectronics STGAP1AS Datasheet HTML 54Page - STMicroelectronics STGAP1AS Datasheet HTML 55Page - STMicroelectronics STGAP1AS Datasheet HTML 56Page - STMicroelectronics STGAP1AS Datasheet HTML 57Page - STMicroelectronics STGAP1AS Datasheet HTML 58Page - STMicroelectronics STGAP1AS Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 70 page
background image
DocID029344 Rev 2
55/70
STGAP1AS
Programming manual
70
9.2.2
CFG2 register (isolated side)
The CFG2 register has the structure of Table 31.
.
The SENSEth bits set the SENSE comparator threshold according to Table 32. Refer to
Section 7.8 on page 33
for details.
The DESATcurr parameter sets the current sourced by the DESAT pin according to Table 33
and the DESATth parameter sets the DESAT comparator threshold according to Table 34.
Refer to Section 7.6 on page 30 for details.
Table 31. CFG2 register
-
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
SENSEth
DESATcur
DESATth
Default/reset
000
00
100
Table 32. SENSE threshold
SENSEth [2 ... 0]
SENSE threshold value [mV]
0
0
0
100
0
0
1
125
0
1
0
150
0
1
1
175
1
0
0
200
1
0
1
250
1
1
0
300
1
1
1
400
Table 33. DESAT current
DESATcur [1 ... 0]
DESAT current value [µA]
00
250
01
500
10
750
1
1
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com