Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1AS Datasheet(PDF) 44 Page - STMicroelectronics

Part # STGAP1AS
Description  Automotive galvanically isolated advanced single gate driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1AS Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STGAP1AS Datasheet HTML 40Page - STMicroelectronics STGAP1AS Datasheet HTML 41Page - STMicroelectronics STGAP1AS Datasheet HTML 42Page - STMicroelectronics STGAP1AS Datasheet HTML 43Page - STMicroelectronics STGAP1AS Datasheet HTML 44Page - STMicroelectronics STGAP1AS Datasheet HTML 45Page - STMicroelectronics STGAP1AS Datasheet HTML 46Page - STMicroelectronics STGAP1AS Datasheet HTML 47Page - STMicroelectronics STGAP1AS Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 70 page
background image
SPI interface
STGAP1AS
44/70
DocID029344 Rev 2
8
SPI interface
The IC communicates with an external MCU through a 16-bit SPI. This interface is used to
set the device parameters and for advanced diagnostic.
SPI commands are executed after the rising edge of the CS, and adequate wait time must
be respected before a new command is started by setting the CS low again. Refer to the
tdesCS parameter in Table 6 on page 14 for required wait time after each command.
The SPI I/O pins are:
CS: chip select (active low)
CK: serial clock
SDI: serial data input (MOSI)
SDO: serial data output (MISO).
The interface is compliant with the SPI standard CPHA = 1 and CPOL = 0 (serial data is
sampled on CK falling edge and it is updated on CK rising edge, at the CS falling edge the
CK signal must be low) as shown in Figure 20.
Figure 20. SPI timings
The SPI interface can work up to 5 Mbps and provides the daisy chain feature.
In order to guarantee a safe operation and robustness to electrical noise, the number of
rising edges within a CS negative pulse must be multiple of 16, otherwise the
communication cycle is ignored and a communication failure is indicated forcing high the
SPI_ERR flag.
Any number of the STGAP1AS can be connected in daisy chain, and only 4 lines for the SPI
and one for the SD are required in order to guarantee access to status and configuration
registers of each device. An example of daisy chain configuration is shown in Figure 21.
In case that several STGAP1AS devices are connected in the SPI link, each of them can be
configured in a different way by simply writing the desired data in each configuration and
diagnostic register. This allows for example differentiating the configuration for high-side
and low-side drivers.
CK
SDI
SDO
CS
MSB
LSB
LSB
N-1
N-2
MSB
HiZ
N-1
N-2
tsetCS
tenSDO
tsetSDI
tholSDI
tvSDO
tholSDO
tfCK
trCK
tlCK
thCK
tdisSDO
tholCS
tdesCS
MSB
SD
tSDLCSL
tCSHSDH
(Not required for
NOP and read
operations)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com