Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1AS Datasheet(PDF) 50 Page - STMicroelectronics

Part # STGAP1AS
Description  Automotive galvanically isolated advanced single gate driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1AS Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STGAP1AS Datasheet HTML 46Page - STMicroelectronics STGAP1AS Datasheet HTML 47Page - STMicroelectronics STGAP1AS Datasheet HTML 48Page - STMicroelectronics STGAP1AS Datasheet HTML 49Page - STMicroelectronics STGAP1AS Datasheet HTML 50Page - STMicroelectronics STGAP1AS Datasheet HTML 51Page - STMicroelectronics STGAP1AS Datasheet HTML 52Page - STMicroelectronics STGAP1AS Datasheet HTML 53Page - STMicroelectronics STGAP1AS Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 70 page
background image
Programming manual
STGAP1AS
50/70
DocID029344 Rev 2
The device register can be written through the WriteReg command when the device is set in
the configuration mode only (refer to Section 9.1.1), otherwise the write command is ignored
and the SPI_ERR flag is forced low.
The WriteReg command is followed by the data to be written into the target register. The
CRC code following the data is based on both command and data bytes. In this way, in case
of communication error, a data byte cannot be decoded as a command and vice-versa (refer
to Section : CRC protection on page 46).
9.1.3
ReadReg command
All the registers of the device can be read anytime, and this requires two accesses (CS must
be asserted LOW and HIGH twice). In the first access the SPI host issues the ReadReg
command (including the register address) and the CRC of the first byte, which will be
ignored if SPI CRC is not enabled. After the command is received and decoded by the
device, the register value and the respective CRC code is prepared for the transmission.
The CRC polynomial used by the device during the transmission is different from the one
used by the host, but the CRC code is not inverted before transmission (refer to Section :
CRC protection
).
The time required to obtain the reading result changes according to the side where the
register is located. The reading of a local register (low voltage side) is available in 800 ns.
The reading of a remote register (isolated side), if no communication error occurs between
the two sides of the device, is available in 30 µs.
After the read result is ready it is stored in the SPI output buffer, and the host MCU will
receive it as soon as it will send a new SPI command. Any command can be used for this
purpose, including a NOP or the ReadReg command for the next register to be read.
Some status and configuration registers contain a reserved bit whose content is not
predictable. In order to clearly identify the content of relevant information, the value read
from each register should be masked with the appropriate masking code (see “Mask code”
in Table 23).
Table 17. ReadReg command synopsis
Byte
1
2
3(1)
1. Proper time have to be waited in order to allow the device to prepare the data.
4
To device
101A AAAA(2)
2. The command byte where AAAAA is the address of the target register.
CCCC CCCC(3)
3. The CRC byte of the command, if the CRC check is disabled this byte is ignored.
0000 0000
CCCC CCCC(4)
4. The CRC byte of the NOP command.
From device
0000 0000
0000 0000
DDDD DDDD(5)
5. Data read from the target register.
KKKK KKKK(6)
6. The CRC byte of the data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com