Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1AS Datasheet(PDF) 29 Page - STMicroelectronics

Part # STGAP1AS
Description  Automotive galvanically isolated advanced single gate driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1AS Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STGAP1AS Datasheet HTML 25Page - STMicroelectronics STGAP1AS Datasheet HTML 26Page - STMicroelectronics STGAP1AS Datasheet HTML 27Page - STMicroelectronics STGAP1AS Datasheet HTML 28Page - STMicroelectronics STGAP1AS Datasheet HTML 29Page - STMicroelectronics STGAP1AS Datasheet HTML 30Page - STMicroelectronics STGAP1AS Datasheet HTML 31Page - STMicroelectronics STGAP1AS Datasheet HTML 32Page - STMicroelectronics STGAP1AS Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 70 page
background image
DocID029344 Rev 2
29/70
STGAP1AS
Functional description
70
7.3
Hardware RESET
The device can be reset by forcing the VREG pin to ground through an external switch.
The internal regulator is designed to stand this condition.
The maximum current required to force the VREG pin to ground is indicated by the
parameter IREG.
7.4
Power supply UVLO and OVLO
Undervoltage protection is available on both VH and VL supply pins.
The turn-on threshold can be programmed through the SPI writing the CFG4 register.
A fixed 1 V hysteresis will set the respective turn-off threshold.
Both UVLO protections can be independently disabled by setting the proper value in the
CFG4 register.
When VH voltage goes below the VHoff threshold the output buffer goes in “safe state” and
the UVLOH status flag is forced high. If the UVLOlatch bit in the CFG4 register is set low
(default), the UVLOH status flag is released when VH voltage reaches the VHon threshold
and the device returns to normal operation.
Otherwise the UVLOH flag is latched and the device remains in “safe state” until the VH
voltage reaches the VHon threshold and the flag is released. See Section 7.11 on page 35
for indication on how the failure flags can be released.
When VL voltage goes over the VLoff threshold the output buffer goes in “safe state” and the
UVLOL status flag is forced high. If the UVLOlatch bit in the CFG4 register is set low
(default), the UVLOL status flag is released when VL voltage goes below the VLon threshold
and the device returns to normal operation.
Otherwise the UVLOL flag is latched and the device remains in “safe state” until the VL
voltage goes below the VLon threshold and the flag is released. See Section 7.11 for
indication on how the failure flags can be released.
Overvoltage protection is available on both VH and VL supply pins. Both OVLO protections
can be disabled by setting the proper value in the CFG4 register.
When the VH voltage goes over the OVVHoff threshold the output buffer goes in “safe state”
and the OVLOH status flag is forced high. The OVLOH flag is latched and the device
remains in “safe state” until VH voltage goes below the overvoltage threshold and the flag is
released. See Section 7.11 for indication on how the failure flags can be released.
When VL voltage goes over the OVVLoff threshold the output buffer goes in “safe state” and
the OVLOL status flag is forced high. The OVLOL flag is latched and the device remains in
“safe state” until VH voltage goes below the overvoltage threshold and the flag is released.
See Section 7.11 for indication on how the failure flags can be released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com