Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1AS Datasheet(PDF) 62 Page - STMicroelectronics

Part # STGAP1AS
Description  Automotive galvanically isolated advanced single gate driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1AS Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STGAP1AS Datasheet HTML 58Page - STMicroelectronics STGAP1AS Datasheet HTML 59Page - STMicroelectronics STGAP1AS Datasheet HTML 60Page - STMicroelectronics STGAP1AS Datasheet HTML 61Page - STMicroelectronics STGAP1AS Datasheet HTML 62Page - STMicroelectronics STGAP1AS Datasheet HTML 63Page - STMicroelectronics STGAP1AS Datasheet HTML 64Page - STMicroelectronics STGAP1AS Datasheet HTML 65Page - STMicroelectronics STGAP1AS Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 70 page
background image
Programming manual
STGAP1AS
62/70
DocID029344 Rev 2
9.2.7
STATUS2 register (low voltage side)
The STATUS2 is a read only register. The STATUS2 register has the structure of Table 50.
A description of the STATUS2 register bits is provided in Table 51.
9.2.8
STATUS3 register (low voltage side)
The STATUS3 is a read only register. The STATUS3 register has the structure of Table 52.
Table 50. STATUS2 register
-
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
-
-
-
-
REGERRR
ASC
-
Default(1)
xx
x
x
x
1
0
x
Reset
x
x
x
x
x
0
0
x
1. Default value of the local copy of the register. The value will be updated according to the actual information from the
isolated side. The default is forced at the device power-up, when the registers are reset all the flags are forced low (no
failures).
Table 51. STATUS2 register description
Name
Bit
Fault
Latched
Force
“safe state”
Note
REGERRR
2
Register or communication error on isolated side.
It is forced high when:
– Programming procedure is not correctly
performed.
– Isolated interface communication fails.
– An unexpected register value change occurs in
one of the remote registers.
It is also latched at power-up/reset and from Sleep
state.
Always
Yes
-
ASC
1
ASC pin status.
When ASC pin is high the flag reports '1', otherwise
is '0'.
No
No
See details in
Section 7.12 on
page 36
Table 52. STATUS3 register
-
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
-
-
DT_ERR
SPI_ERR
REGERRL
OVLOD
UVLOD
Default(1)
xx
x
0
0
1
0
1
Reset
x
x
x
0
0
0
0
0
1. The default is forced at the device power-up, when the registers are reset all the flags are forced low (no failures).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com