Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1AS Datasheet(PDF) 33 Page - STMicroelectronics

Part # STGAP1AS
Description  Automotive galvanically isolated advanced single gate driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1AS Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STGAP1AS Datasheet HTML 29Page - STMicroelectronics STGAP1AS Datasheet HTML 30Page - STMicroelectronics STGAP1AS Datasheet HTML 31Page - STMicroelectronics STGAP1AS Datasheet HTML 32Page - STMicroelectronics STGAP1AS Datasheet HTML 33Page - STMicroelectronics STGAP1AS Datasheet HTML 34Page - STMicroelectronics STGAP1AS Datasheet HTML 35Page - STMicroelectronics STGAP1AS Datasheet HTML 36Page - STMicroelectronics STGAP1AS Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 70 page
background image
DocID029344 Rev 2
33/70
STGAP1AS
Functional description
70
7.8
SENSE overcurrent protection
This function is suitable in applications in which it is possible to measure the load current
through the use of a shunt resistor, or in applications that use IGBTs with the current sense
pin available. The load current (or a fraction of it in case SenseFETs are used) is converted
to voltage by an external shunt resistor and is fed to the SENSE pin (comparator input).
When an overcurrent event occurs the sense voltage reaches the VSENSEth threshold, the
device is forced in “safe state” and the SENSE status flag is forced high and latched.
The VSENSEth threshold is programmable through the SPI (refer to Section 9.2.2 on page
55
).
7.9
Miller clamp function
The Miller clamp function allows the control of the Miller current during the power stage
switching in half-bridge configurations. When the external power transistor is in the OFF
state, the driver operates to avoid the induced turn-on phenomenon that may occur when
the other switch in the same leg is being turned on, due to the Cgc capacitance.
During the turn-off period the gate of the external switch is monitored through the CLAMP
pin.
The CLAMP switch is activated when gate voltage goes below the voltage threshold
VCLAMPth, thus creating a low impedance path between the switch gate and the VL pin.
This function can be disabled setting low the CLAMP_EN bit in the CFG5 register (high by
default).
7.10
2-level turn-off function
If an overcurrent event happens, a large voltage overshoot exceeding VCE absolute ratings
may occur across the power switch during the turn-off, due to the parasitic stray
inductances.
The 2-level turn-off function (2LTO) allows the reduction of the stressing overvoltage
experienced by the power component in overcurrent condition by switching off the external
power in two phases.
In the first phase the GOFF voltage is actively forced to a programmable value V2LTOth; after
a programmable delay t2LTOtime the GOFF is forced to VL to complete the gate turn-off.
This allows to slow down the critical part of the turn-off transient, that may induce the
overvoltage spikes.
The voltage level V2LTOth and duration t2LTOtime of the intermediate off-level are
programmable through the SPI.
It is possible to program when this feature takes place, refer to the following paragraphs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com