Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1AS Datasheet(PDF) 37 Page - STMicroelectronics

Part # STGAP1AS
Description  Automotive galvanically isolated advanced single gate driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1AS Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STGAP1AS Datasheet HTML 33Page - STMicroelectronics STGAP1AS Datasheet HTML 34Page - STMicroelectronics STGAP1AS Datasheet HTML 35Page - STMicroelectronics STGAP1AS Datasheet HTML 36Page - STMicroelectronics STGAP1AS Datasheet HTML 37Page - STMicroelectronics STGAP1AS Datasheet HTML 38Page - STMicroelectronics STGAP1AS Datasheet HTML 39Page - STMicroelectronics STGAP1AS Datasheet HTML 40Page - STMicroelectronics STGAP1AS Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 70 page
background image
DocID029344 Rev 2
37/70
STGAP1AS
Functional description
70
An echo function is implemented in order to check that input commands toward the gate are
correctly propagated to the driver's output. In case something should prevent the correct
propagation of the command, the driver is able to detect this condition and will start a new
communication (echo) in order to set the desired output state. This process has typical
duration of 4 µs.
7.14
Security check functions
The device allows verifying the gate and sense resistor connections and the functionality of
SENSE and DESAT. This can be achieved through the following security checks:
GON to gate path
GOFF to gate path
SENSE comparator
SENSE resistor
DESAT comparator
The check modes are enabled through a dedicated configuration register TEST1 (refer to
Section 9.2.9 on page 63
) and thus require entering in configuration mode.
Only one check mode at a time must be enabled. At the end of security check procedure,
the TEST1 register must be set to 0x00 before running the device in normal mode.
It is recommended to clear the status register with the ResetStatus command before and
after each check.
To prevent the SD from clearing the STATUS flags, set the SD_FLAG = '0' as described in
Section 7.11
.
7.14.1
GON to gate path check
The purpose of this security check is to verify the path integrity including the driver's GON
output, the GON (turn-on) gate resistor, the power switch gate and the CLAMP pin (see
Figure 17
).
To perform this test, the following procedure has to be followed:
Set SD = low
Send StartConfig command
Set GONCHK = '1'
Send StopConfig command
Wait tGchk
Read TSD flag
–TSD = '0' → OK (VCLAMP > VGchk)
–TSD = '1' → FAIL (VCLAMP < VGchk)
Please note that during all the time the check is enabled the gate will be forced high (GON
turned on) regardless the SD pin level. The user test routine has to take into account this
behavior.
In any case, when GONCHK = '1', the protections SENSE and DESAT, if enabled, will
continue to operate protecting the power switch regardless the SD pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com