Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1AS Datasheet(PDF) 53 Page - STMicroelectronics

Part # STGAP1AS
Description  Automotive galvanically isolated advanced single gate driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1AS Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STGAP1AS Datasheet HTML 49Page - STMicroelectronics STGAP1AS Datasheet HTML 50Page - STMicroelectronics STGAP1AS Datasheet HTML 51Page - STMicroelectronics STGAP1AS Datasheet HTML 52Page - STMicroelectronics STGAP1AS Datasheet HTML 53Page - STMicroelectronics STGAP1AS Datasheet HTML 54Page - STMicroelectronics STGAP1AS Datasheet HTML 55Page - STMicroelectronics STGAP1AS Datasheet HTML 56Page - STMicroelectronics STGAP1AS Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 70 page
background image
DocID029344 Rev 2
53/70
STGAP1AS
Programming manual
70
9.2.1
CFG1 register (low voltage side)
T
The CFG1 register has the structure of Table 24.
The CRC_SPI bit enables the CRC check on the SPI communication protocol.
The UVLOD_EN bit enables the UVLO protection on VDD supply voltage.
Table 23. Registers access
Name
Address
Mask code
CFG1
0x0C
0xFF
CFG2
0x1D
0xFF
CFG3
0x1E
0xFF
CFG4
0x1F
0x3F
CFG5
0x19
0x0F
STATUS1
0x02
0xFF
STATUS2
0x01
0x06
STATUS3
0x0A
0x1F
TEST1
0x11
0x1F
DIAG1CFG
0x05
0xFF
DIAG2CFG
0x06
0xFF
Table 24. CFG1 register
-
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
CRC_SPI
UVLOD_EN
SD_FLAG
DIAG_EN
DTset
INfilter
Default/reset
0
0
1
0
00
00
Table 25. CRC enable
CRC_SPI
SPI communication protocol CRC enable
0
Disabled
1
Enabled
Table 26. VDD supply voltage UVLO enable
UVLOD_EN
Supply voltage UVLOD enable
0
Disabled
1
Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com