Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1AS Datasheet(PDF) 49 Page - STMicroelectronics

Part # STGAP1AS
Description  Automotive galvanically isolated advanced single gate driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1AS Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STGAP1AS Datasheet HTML 45Page - STMicroelectronics STGAP1AS Datasheet HTML 46Page - STMicroelectronics STGAP1AS Datasheet HTML 47Page - STMicroelectronics STGAP1AS Datasheet HTML 48Page - STMicroelectronics STGAP1AS Datasheet HTML 49Page - STMicroelectronics STGAP1AS Datasheet HTML 50Page - STMicroelectronics STGAP1AS Datasheet HTML 51Page - STMicroelectronics STGAP1AS Datasheet HTML 52Page - STMicroelectronics STGAP1AS Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
DocID029344 Rev 2
49/70
STGAP1AS
Programming manual
70
At the end of the device setup the StopConfig command has to be sent in order to quit the
configuration mode and make all changes effective.
Configuration sequence must be repeated every time the power supply on either side (VDD
or VH) is removed and then restored.
VDD falling below critical value will result in the REGERRL flag being set in status
registers after that the proper VDD level is restored.
VH falling below critical value will result in the REGERRR flag being set in status
registers.
After that all supply voltages are supplied and stable, the configuration process can be
executed. The flow chart shown in Figure 24 is recommended for the configuration. In this
way it will be possible to check that the desired configuration has been correctly stored in
the device at the end of the configuration sequence.
Figure 24. STGAP1AS recommended configuration flow
9.1.2
WriteReg command
Table 16. WriteReg command synopsis
Byte
1
234
To device
100A AAAA(1)
CCCC CCCC(2)
DDDD DDDD(3)
KKKK KKKK(4)
1. The command byte where AAAAA is the address of the target register.
2. The CRC byte of the command, if the CRC check is disabled this byte is ignored.
3. Data to be written into the target register.
4. The CRC byte of the command and data, if the CRC check is disabled this byte is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com