Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1AS Datasheet(PDF) 34 Page - STMicroelectronics

Part # STGAP1AS
Description  Automotive galvanically isolated advanced single gate driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1AS Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STGAP1AS Datasheet HTML 30Page - STMicroelectronics STGAP1AS Datasheet HTML 31Page - STMicroelectronics STGAP1AS Datasheet HTML 32Page - STMicroelectronics STGAP1AS Datasheet HTML 33Page - STMicroelectronics STGAP1AS Datasheet HTML 34Page - STMicroelectronics STGAP1AS Datasheet HTML 35Page - STMicroelectronics STGAP1AS Datasheet HTML 36Page - STMicroelectronics STGAP1AS Datasheet HTML 37Page - STMicroelectronics STGAP1AS Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 70 page
background image
Functional description
STGAP1AS
34/70
DocID029344 Rev 2
7.10.1
Always
The 2LTO is performed at each turn-off transition (2LTO_EN = '1').
When 2LTO is used at each transition the minimum on or off pulse width is determined by
2LTO time. Some sample waveforms are given in Figure 14 and Figure 15, where INAND
represents the condition: < IN+ = 'H' and IN- = 'L' >.
If a turn-on pulse is shorter than t2LTOtime it shall be ignored; turn-on pulses longer than
t2LTOtime will determine a delay in the turn-on equal to t2LTOtime (see Figure 14).
Figure 14. Example of short turn-on pulses when 2LTO occurs at each cycle
When a turn-off pulse is detected the turn-off procedure starts immediately by forcing the
V2LTOth voltage on the GOFF pin. If the duration of the turn-off pulse is shorter than t2LTOtime
the turn-off sequence is aborted by setting GOFF in high impedance and turning GON on
again (see Figure 15).
Figure 15. Example of short turn-off pulse when 2LTO occurs at each cycle
When the 2LTO is used at each cycle, any event that forces the device to enter in “safe
state” generates a driver switch off performing a 2LTO sequence.
7.10.2
Fault
The 2LTO is performed only after a desaturation or overcurrent event (2LTO_EN = '0'). In
such cases the device enters in “safe state” until the failure flag is released. See
Section 7.11
for indication on how the failure flags can be released.
t2LTOtime
ONtime
t2LTOtime
t2LTOtime
t2LTOtime
t2LTOtime
INAND
GON-GOFF
tDon
ONtime
ONtime
t2LTOtime
tDon
ONtime
tDoff
tDoff
ON-time < t2LTOtime
ON-time < t2LTOtime
ON-time > t2LTOtime
ON-time > t2LTOtime
t2LTOtime
tDoff
INAND
GON-GOFF
t2LTOtime
tDoff
t2LTOtime
tDoff
tDon
OFF-time > t2LTOtime
OFF-time < t2LTOtime
OFF-time > t2LTOtime



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com