Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944BECS/R Datasheet(PDF) 138 Page - Cirrus Logic

Part # WM8944BECS/R
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944BECS/R Datasheet(HTML) 138 Page - Cirrus Logic

Back Button WM8944BECS/R Datasheet HTML 134Page - Cirrus Logic WM8944BECS/R Datasheet HTML 135Page - Cirrus Logic WM8944BECS/R Datasheet HTML 136Page - Cirrus Logic WM8944BECS/R Datasheet HTML 137Page - Cirrus Logic WM8944BECS/R Datasheet HTML 138Page - Cirrus Logic WM8944BECS/R Datasheet HTML 139Page - Cirrus Logic WM8944BECS/R Datasheet HTML 140Page - Cirrus Logic WM8944BECS/R Datasheet HTML 141Page - Cirrus Logic WM8944BECS/R Datasheet HTML 142Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 165 page
background image
WM8944B
138
Rev 4.3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R114 (72h)
SE2_RETUN
E_C13
15:0
SE2_RETUNE_
C13 [15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 2 (SE2) ReTune
filter
Register 72h SE2_RETUNE_C13
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R115 (73h)
SE2_RETUN
E_C14
15:0
SE2_RETUNE_
C14 [15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 2 (SE2) ReTune
filter
Register 73h SE2_RETUNE_C14
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R116 (74h)
SE2_RETUN
E_C15
15:0
SE2_RETUNE_
C15 [15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 2 (SE2) ReTune
filter
Register 74h SE2_RETUNE_C15
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R117 (75h)
SE2_RETUN
E_C16
15:0
SE2_RETUNE_
C16 [15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 2 (SE2) ReTune
filter
Register 75h SE2_RETUNE_C16
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R118 (76h)
SE2_RETUN
E_C17
15:0
SE2_RETUNE_
C17 [15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 2 (SE2) ReTune
filter
Register 76h SE2_RETUNE_C17
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R119 (77h)
SE2_RETUN
E_C18
15:0
SE2_RETUNE_
C18 [15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 2 (SE2) ReTune
filter
Register 77h SE2_RETUNE_C18
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R120 (78h)
SE2_RETUN
E_C19
15:0
SE2_RETUNE_
C19 [15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 2 (SE2) ReTune
filter
Register 78h SE2_RETUNE_C19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com