Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944BECS/R Datasheet(PDF) 139 Page - Cirrus Logic

Part # WM8944BECS/R
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944BECS/R Datasheet(HTML) 139 Page - Cirrus Logic

Back Button WM8944BECS/R Datasheet HTML 135Page - Cirrus Logic WM8944BECS/R Datasheet HTML 136Page - Cirrus Logic WM8944BECS/R Datasheet HTML 137Page - Cirrus Logic WM8944BECS/R Datasheet HTML 138Page - Cirrus Logic WM8944BECS/R Datasheet HTML 139Page - Cirrus Logic WM8944BECS/R Datasheet HTML 140Page - Cirrus Logic WM8944BECS/R Datasheet HTML 141Page - Cirrus Logic WM8944BECS/R Datasheet HTML 142Page - Cirrus Logic WM8944BECS/R Datasheet HTML 143Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 165 page
background image
WM8944B
Rev 4.3
139
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R121 (79h)
SE2_RETUN
E_C20
15:0
SE2_RETUNE_
C20 [15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 2 (SE2) ReTune
filter
Register 79h SE2_RETUNE_C20
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R122 (7Ah)
SE2_RETUN
E_C21
15:0
SE2_RETUNE_
C21 [15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 2 (SE2) ReTune
filter
Register 7Ah SE2_RETUNE_C21
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R123 (7Bh)
SE2_RETUN
E_C22
15:0
SE2_RETUNE_
C22 [15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 2 (SE2) ReTune
filter
Register 7Bh SE2_RETUNE_C22
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R124 (7Ch)
SE2_RETUN
E_C23
15:0
SE2_RETUNE_
C23 [15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 2 (SE2) ReTune
filter
Register 7Ch SE2_RETUNE_C23
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R125 (7Dh)
SE2_RETUN
E_C24
15:0
SE2_RETUNE_
C24 [15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 2 (SE2) ReTune
filter
Register 7Dh SE2_RETUNE_C24
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R126 (7Eh)
SE2_RETUN
E_C25
15:0
SE2_RETUNE_
C25 [15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 2 (SE2) ReTune
filter
Register 7Eh SE2_RETUNE_C25
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R127 (7Fh)
SE2_RETUN
E_C26
15:0
SE2_RETUNE_
C26 [15:0]
0000_0000
_0000_000
0
Filter coefficients for Signal Enhancement 2 (SE2) ReTune
filter
Register 7Fh SE2_RETUNE_C26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com