Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944BECS/R Datasheet(PDF) 158 Page - Cirrus Logic

Part # WM8944BECS/R
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944BECS/R Datasheet(HTML) 158 Page - Cirrus Logic

Back Button WM8944BECS/R Datasheet HTML 154Page - Cirrus Logic WM8944BECS/R Datasheet HTML 155Page - Cirrus Logic WM8944BECS/R Datasheet HTML 156Page - Cirrus Logic WM8944BECS/R Datasheet HTML 157Page - Cirrus Logic WM8944BECS/R Datasheet HTML 158Page - Cirrus Logic WM8944BECS/R Datasheet HTML 159Page - Cirrus Logic WM8944BECS/R Datasheet HTML 160Page - Cirrus Logic WM8944BECS/R Datasheet HTML 161Page - Cirrus Logic WM8944BECS/R Datasheet HTML 162Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 165 page
background image
WM8944B
158
Rev 4.3
APPLICATIONS INFORMATION
RECOMMENDED EXTERNAL COMPONENTS
AUDIO INPUT PATHS
The WM8944B provides up to 2 analogue audio inputs (including the auxiliary input AUX). Each of
these inputs is referenced to the internal DC reference, VMID. A DC blocking capacitor is required for
each input pin used in the target application. The choice of capacitor is determined by the filter that is
formed between that capacitor and the input impedance of the input pin. The circuit is illustrated in
Figure 53. (Note that capacitors are not required on any unused audio input.)
IN1/
DMICDAT
PGA
AUX
Fc = high pass 3dB cut-off frequency
Fc =
1
2 RC
p
Figure 53 Audio Input Path DC Blocking Capacitor
When the input impedance is known, and the cut-off frequency is known, then the minimum capacitor
value may be derived easily. For practical use, a 1
F capacitance for all audio inputs can be
recommended for most cases. Tantalum electrolytic capacitors are particularly suitable as they offer
high stability in a small package size.
Ceramic equivalents are a cost effective alternative to the superior tantalum packages, but care must
be taken to ensure the desired capacitance is maintained at the LDOVOUT operating voltage. Also,
ceramic capacitors may show microphonic effects, where vibrations and mechanical conditions give
rise to electrical signals. This is particularly problematic for microphone input paths where a large
signal gain is required.
A single capacitor is required for a line input or single-ended microphone connection. In the case of a
differential microphone connection, a DC blocking capacitor is required on both input pins.
LINE OUTPUT PATHS
The WM8944B provides three outputs (LINEOUT, SPKOUTP and SPKOUTN). Each of these outputs
is referenced to the internal DC reference, VMID. In any case where a line output is used in a single-
ended configuration (i.e. referenced to GND), a DC blocking capacitor is required in order to remove
the DC bias. In the case where a pair of line outputs is configured as a BTL differential pair, then the
DC blocking capacitor should be omitted.
The choice of capacitor is determined from the filter that is formed between the capacitor and the load
impedance. A 1
F capacitance would be a suitable choice for a line load. Tantalum electrolytic
capacitors are again particularly suitable but ceramic equivalents are a cost effective alternative. Care
must be taken to ensure the desired capacitance is maintained at the appropriate operating voltage.
WM8944B
LINEOUT
GND
1 uF
GND = 0V
1 uF
1 uF
SPKOUTP
SPKOUTN
Figure 54 DC-blocking Components for Line Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com