Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944BECS/R Datasheet(PDF) 160 Page - Cirrus Logic

Part # WM8944BECS/R
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944BECS/R Datasheet(HTML) 160 Page - Cirrus Logic

Back Button WM8944BECS/R Datasheet HTML 156Page - Cirrus Logic WM8944BECS/R Datasheet HTML 157Page - Cirrus Logic WM8944BECS/R Datasheet HTML 158Page - Cirrus Logic WM8944BECS/R Datasheet HTML 159Page - Cirrus Logic WM8944BECS/R Datasheet HTML 160Page - Cirrus Logic WM8944BECS/R Datasheet HTML 161Page - Cirrus Logic WM8944BECS/R Datasheet HTML 162Page - Cirrus Logic WM8944BECS/R Datasheet HTML 163Page - Cirrus Logic WM8944BECS/R Datasheet HTML 164Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 165 page
background image
WM8944B
160
Rev 4.3
MICROPHONE BIAS CIRCUIT
The WM8944B is designed to interface easily with electret microphones. These may be connected in
single-ended or differential configurations. The single-ended method allows greater capability for the
connection of multiple audio sources simultaneously, whilst the differential method provides better
performance due to its rejection of common-mode noise.
In either configuration, the microphone requires a bias current (electret condenser microphones) or
voltage supply (silicon microphones), which can be provided by MICBIAS. This reference is generated
by an output-compensated amplifier, which requires an external capacitor in order to guarantee
accuracy and stability. The recommended capacitance is 4.7
F, although it may be possible to reduce
this to 1
F if the analogue supply (LDOVOUT) is not too noisy. A ceramic type is a suitable choice
here, providing that care is taken to choose a component that exhibits this capacitance at the intended
MICBIAS voltage.
Note that the MICBIAS voltage may be adjusted using register control to suit the requirements of the
microphone. Also note the WM8944B supports a maximum current of 3mA. If more than one
microphone is connected to the MICBIAS, then combined current must not exceed 3mA.
A current-limiting resistor is also required when using an electret condenser microphone (ECM). The
resistance should be chosen according to the minimum operating impedance of the microphone and
MICBIAS voltage so that the maximum bias current of the WM8944B is not exceeded. Cirrus Logic
recommends a 2.2k
 current limiting resistor as it provides compatibility with a wide range of
microphone models.
The recommended connections for single-ended and differential microphone modes are illustrated in
Figure 55 and Figure 56.
IN1/
DMICDAT
PGA
MIC
2k2
4.7uF
MICBIAS
1uF
GND
AUX
Figure 55 Single-Ended Microphone Connection
IN1/
DMICDAT
PGA
MIC
2k2
4.7uF
MICBIAS
1uF
GND
1uF
AUX
Figure 56 Pseudo-Differential Microphone Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com