Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944BECS/R Datasheet(PDF) 163 Page - Cirrus Logic

Part # WM8944BECS/R
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944BECS/R Datasheet(HTML) 163 Page - Cirrus Logic

Back Button WM8944BECS/R Datasheet HTML 157Page - Cirrus Logic WM8944BECS/R Datasheet HTML 158Page - Cirrus Logic WM8944BECS/R Datasheet HTML 159Page - Cirrus Logic WM8944BECS/R Datasheet HTML 160Page - Cirrus Logic WM8944BECS/R Datasheet HTML 161Page - Cirrus Logic WM8944BECS/R Datasheet HTML 162Page - Cirrus Logic WM8944BECS/R Datasheet HTML 163Page - Cirrus Logic WM8944BECS/R Datasheet HTML 164Page - Cirrus Logic WM8944BECS/R Datasheet HTML 165Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 163 / 165 page
background image
WM8944B
Rev 4.3
163
PACKAGE DIMENSIONS
DM080.B
B: 25 BALL W-CSP PACKAGE 2.410 X 2.410 X 0.546mm BODY, 0.50 mm BALL PITCH
A1
CORNER
TOP VIEW
E
Z
0.10
2 X
D
5
4
A
A2
2
Z
0.10
2 X
Z
1
E1
A
D1
DETAIL 1
D
C
B
E
e
e
1
5
4
3
2
6
g
NOTES:
1. PRIMARY DATUM -Z- AND SEATING PLANE ARE DEFINED BY THE SPHERICAL CROWNS OF THE SOLDER BALLS.
2. THIS DIMENSION INCLUDES STAND-
OFF HEIGHT ‘A1’ AND BACKSIDE COATING.
3. A1 CORNER IS IDENTIFIED BY INK/LASER MARK ON TOP PACKAGE.
4. BILATERAL TOLERANCE ZONE IS APPLIED TO EACH SIDE OF THE PACKAGE BODY.
5.
‘e’ REPRESENTS THE BASIC SOLDER BALL GRID PITCH.
6. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
7. FOLLOWS JEDEC DESIGN GUIDE MO-211-C.
A1
0.207
D
D1
E
E1
e
2.00 BSC
2.410
0.205 BSC
2.00 BSC
0.500 BSC
2.410
Dimensions (mm)
Symbols
MIN
NOM
MAX
NOTE
A
0.546
A2
0.265
0.280
0.295
5
f1
0.586
0.506
0.244
0.281
g
0.022
0.019
0.025
h
Bump centre to
die edge
BOTTOM VIEW
0.205 BSC
f2
2.380
2.380
2.440
2.440
0.264
0.364
0.314
Bump centre to
die edge
A1
DETAIL 1
SOLDER BALL
f1
f2
h
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com