Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8944BECS/R Datasheet(PDF) 165 Page - Cirrus Logic

Part # WM8944BECS/R
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944BECS/R Datasheet(HTML) 165 Page - Cirrus Logic

Back Button WM8944BECS/R Datasheet HTML 157Page - Cirrus Logic WM8944BECS/R Datasheet HTML 158Page - Cirrus Logic WM8944BECS/R Datasheet HTML 159Page - Cirrus Logic WM8944BECS/R Datasheet HTML 160Page - Cirrus Logic WM8944BECS/R Datasheet HTML 161Page - Cirrus Logic WM8944BECS/R Datasheet HTML 162Page - Cirrus Logic WM8944BECS/R Datasheet HTML 163Page - Cirrus Logic WM8944BECS/R Datasheet HTML 164Page - Cirrus Logic WM8944BECS/R Datasheet HTML 165Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 165 / 165 page
background image
WM8944B
Rev 4.3
165
REVISION HISTORY
DATE
REV
DESCRIPTION OF CHANGES
PAGE
CHANGED BY
08/10/10
4.0
Product Status updated to Production Data
Added comment about ADC volume being in digital filter block
Added comment about DAC volume being in digital filter block
Updated Notch Filter plots
Added note about DAC_VOL_RAMP rate
Input PGA to ADC THD max changed from -75dB
28
48
34-35
48
10
BC
24/06/11
4.1
Updated Input resistance for Analogue inputs (IN1, AUX)
10
JJ
06/09/11
4.2
Default value (0) corrected in Register R42 (2Ah) bit [9].
100
PH
26/06/12
4.2
Noted the notch filter is not usable below 120Hz
PH
01/03/16
4.2
Correction to recommended power-up / power-down sequences
102-103
PH
11/11/16
4.3
Package drawing updated to POD 80.B
163
PH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com