Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7808 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS7808
Description  MULTI PURPOSE AUDIO/VIDEO EMBEDDED PROCESSOR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7808 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS7808 Datasheet HTML 2Page - Cirrus Logic CS7808 Datasheet HTML 3Page - Cirrus Logic CS7808 Datasheet HTML 4Page - Cirrus Logic CS7808 Datasheet HTML 5Page - Cirrus Logic CS7808 Datasheet HTML 6Page - Cirrus Logic CS7808 Datasheet HTML 7Page - Cirrus Logic CS7808 Datasheet HTML 8Page - Cirrus Logic CS7808 Datasheet HTML 9Page - Cirrus Logic CS7808 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
CS7808
6
1.1.3
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Current, IO
IDD
Normal Operating
-
45
-
mA
Supply Current, core and PLL
IDD
Normal Operating
-
550
-
mA
Input Voltage, High
VIH
2.0
-
5.0
Volts
Input Voltage, Low
VIL
-
-
0.8
Volts
Input Current
IIN
VIN =VDD or VSS
-1
-
+1
µA
Input Pull up/down resistor
RI
-75
-
K
Ω
Output Voltage, High
VOH
@ buffer rating
2.4
-
-
Volts
Output Voltage, Low
VOL
@ buffer rating
-
-
0.4
Volts
High-Z Leakage
IOZ
VOUT =VSS or VDD
-10
-
+10
µA
Input Capacitance
CIN
-3
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com